Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 100Page - Cypress Semiconductor MB9B320M Datasheet HTML 101Page - Cypress Semiconductor MB9B320M Datasheet HTML 102Page - Cypress Semiconductor MB9B320M Datasheet HTML 103Page - Cypress Semiconductor MB9B320M Datasheet HTML 104Page - Cypress Semiconductor MB9B320M Datasheet HTML 105Page - Cypress Semiconductor MB9B320M Datasheet HTML 106Page - Cypress Semiconductor MB9B320M Datasheet HTML 107Page - Cypress Semiconductor MB9B320M Datasheet HTML 108Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 105 of 108
MB9B320M Series
Page
Section
Change Results
7
Product Lineup
Function
Corrected the number of A/D activating compare channels.
3ch. → 2ch.
Revised Built-in CR .
High-speed: 4MHz(±
2%) → 4MHz
Low-
speed: 100kHz(Typ) → 100kHz
8
Revised the footnote.
21
List Of Pin Functions
List Of Pin Numbers
Corrected the pin number of ZIN1_1.
24
List Of Pin Functions
Corrected the pin number of ADTG_2.
29
Corrected pin numbers of SIN0_1 and SOT0_1.
31
Corrected the pin number of DTTI0X_2.
37
I/O Circuit Type
Corrected the I/O circuit figure.
TYPE H : GPIO Digital input → GPIO Digital output
44
Handling Devices
Sub Crystal Oscillator
Added the descriptions.
47
Block Diagram
Corrected the figure.
-A/D Activation Compare: 3ch
→ 2ch
49
Memory Map
Memory Map (2)
Added the explanatory note.
54
Pin Status In Each Cpu State
List Of Pin Status
Added the pin function of selected Analog output about type L.
55
Corrected the footnote.
Sub CR timer→ Low-speed CR tim
58
Electrical Characteristics
2. Recommended Operating Conditions
Added the note and footnote.
Corrected the value of Analog reference voltage “AVRH”.
Min.: AVss → 2.7
59
3. Dc Characteristics
(1) Current Rating
Added notes and footnotes.
Added the remarks of Icc.
Added the frequency of main clock crystal oscillator in remarks
63
4. Ac Characteristics
(2) Sub Clock Input Characteristics
Added the footnote.
64
(3) Built-In CR Oscillation Characteristics
Built-In High-Speed CR
Added "Frequency stabilization time"
Added notes and footnotes.
66
(6) Power-On Reset Timing
Added "Timing until releasing Power-on reset"
Added the timing chart
68
(8) Csio Timing
Corrected the title.
UART Timing → CSIO Timing
Corrected the notefoot.
UART → Multi-function serial
70,72,74
Corrected the notefoot.
UART → Multi-function serial
79
(11) I2c Timing
Revised the Condition.
Revised the footnote.
81
5. 12-Bit A/D Converter
Electrical Characteristics For The A/D Converter
Changed the name of parameter.
•Non Linearity error → Integral Nonlinearity
•Differential linearity error → Differential Nonlinearity
Changed the Symbol. Of Zero transition voltage.
V0T → VZT
Changed the pin name.
AN00 to AN26 → ANxx
Corrected the value of V0T, VFST, Ts, Tstt, and reference voltage.
Revises footnotes.
82
Change the figure.
AN00 to AN26 → ANxx
83
Difinition Of 12-Bit A/D Converter Terms
•Linearity error → Integral Nonlinearity
•Differential linearity error → Differential Nonlinearity
V0T → VZT
84
6. 10-Bit D/A Converter
Electrical Characteristics For The D/A Converter
•Revised the remark of IDDA.
D/A operation → D/A 1unit operation
Changed the name of parameter.
•Linearity error → Integral Nonlinearity
•Differential linearity error → Differential Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com