Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360L Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 42Page - Cypress Semiconductor MB9B360L Datasheet HTML 43Page - Cypress Semiconductor MB9B360L Datasheet HTML 44Page - Cypress Semiconductor MB9B360L Datasheet HTML 45Page - Cypress Semiconductor MB9B360L Datasheet HTML 46Page - Cypress Semiconductor MB9B360L Datasheet HTML 47Page - Cypress Semiconductor MB9B360L Datasheet HTML 48Page - Cypress Semiconductor MB9B360L Datasheet HTML 49Page - Cypress Semiconductor MB9B360L Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 46 of 128
MB9B360L Series
List of Pin Status
Function
Group
Power-on
Reset or
Low-Voltage
Detection
State
INITX
Input
State
Device
Internal
Reset
State
Run
Mode
or Sleep
Mode
State
Timer Mode,
RTC Mode, or
Stop Mode State
Deep Standby RTC
Mode or Deep Standby
Stop Mode State
Return from
Deep
Standby
Mode State
Power
Supply
Unstable
Power Supply
Stable
Power
Supply
Stable
Power Supply
Stable
Power Supply
Stable
Power
Supply
Stable
‐
INITX=0
INITX=1
INITX=1
INITX=1
INITX=1
INITX=1
‐
‐
‐
‐
SPL=0
SPL=1
SPL=0
SPL=1
-
A
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
Main
crystal
oscillator
input pin/
External
main clock
input
selected
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
B
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
External
main clock
input
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at 0
Maintain
previous
state
Hi-Z /
Internal
input fixed
at 0
Maintain
previous
state
Main
crystal
oscillator
output pin
Hi-Z /
Internal input
fixed at "0"/
or Input enable
Hi-Z /
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
Maintain previous state /
When oscillation stops*1, Hi-Z /
Internal input fixed at 0
C
INITX
input pin
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
D
Mode
input pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com