Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360L Datasheet(PDF) 90 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 90 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 86Page - Cypress Semiconductor MB9B360L Datasheet HTML 87Page - Cypress Semiconductor MB9B360L Datasheet HTML 88Page - Cypress Semiconductor MB9B360L Datasheet HTML 89Page - Cypress Semiconductor MB9B360L Datasheet HTML 90Page - Cypress Semiconductor MB9B360L Datasheet HTML 91Page - Cypress Semiconductor MB9B360L Datasheet HTML 92Page - Cypress Semiconductor MB9B360L Datasheet HTML 93Page - Cypress Semiconductor MB9B360L Datasheet HTML 94Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 90 of 128
MB9B360L Series
When Using High-Speed Synchronous Serial Chip Select (SCINV = 1, CSLVL=1)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Conditions
VCC < 4.5 V
VCC
≥ 4.5 V
Unit
Min
Max
Min
Max
SCS↓→SCK↑setup time
tCSSI
Internal shift
clock
operation
(*1)-20
(*1)+0
(*1)-20
(*1)+0
ns
SCK↓→SCS↑ hold time
tCSHI
(*2)+0
(*2)+20
(*2)+0
(*2)+20
ns
SCS deselect time
tCSDI
(*3)-20+5tCYCP
(*3)+20+5tCYCP
(*3)-20+5tCYCP
(*3)+20+5tCYCP
ns
SCS↓→SCK↑setup time
tCSSE
External shift
clock
operation
3tCYCP+15
-
3tCYCP+15
-
ns
SCK↓→SCS↑ hold time
tCSHE
0
-
0
-
ns
SCS deselect time
tCSDE
3tCYCP+15
-
3tCYCP+15
-
ns
SCS↓→SOT delay time
tDSE
-
25
-
25
ns
SCS↑→SOT delay time
tDEE
0
-
0
-
ns
(*1): CSSU bit value×serial chip select timing operating clock cycle [ns]
(*2): CSHD bit value×serial chip select timing operating clock cycle [ns]
(*3): CSDS bit value×serial chip select timing operating clock cycle [ns]
Notes:
−
tCYCP indicates the APB bus clock cycle time.
About the APB bus number which UART is connected to, see 8. Block Diagram in this data sheet.
−
About CSSU, CSHD, CSDS, serial chip select timing operating clock, see FM4 Family Peripheral Manual Main part
(002-04856).
−
When the external load capacitance CL = 30 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com