Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360L Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 55Page - Cypress Semiconductor MB9B360L Datasheet HTML 56Page - Cypress Semiconductor MB9B360L Datasheet HTML 57Page - Cypress Semiconductor MB9B360L Datasheet HTML 58Page - Cypress Semiconductor MB9B360L Datasheet HTML 59Page - Cypress Semiconductor MB9B360L Datasheet HTML 60Page - Cypress Semiconductor MB9B360L Datasheet HTML 61Page - Cypress Semiconductor MB9B360L Datasheet HTML 62Page - Cypress Semiconductor MB9B360L Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 59 of 128
MB9B360L Series
Parameter
Symbol
Pin
Name
Conditions
Frequency*
4
Value
Unit
Remarks
Typ*
1
Max*
2
Power
supply
current
ICCS
VCC
Sleep
operation
(PLL)
160 MHz
28
58
mA
*3
When all peripheral
clocks are ON
144 MHz
25
55
120 MHz
21
50
100 MHz
18
46
80 MHz
15
43
60 MHz
12
39
40 MHz
8.8
36
20 MHz
5.6
32
8 MHz
3.8
30
4 MHz
3.2
29
160 MHz
14
44
mA
*3
When all peripheral
clocks are OFF
144 MHz
13
43
120 MHz
11
40
100 MHz
9.7
38
80 MHz
8.1
36
60 MHz
6.7
34
40 MHz
5.2
32
20 MHz
3.7
30
8 MHz
2.9
29
4 MHz
2.6
29
Parameter
Symbol
Pin
Name
Conditions
Frequency*
5
Value
Unit
Remarks
Typ*
1
Max*
2
Power
supply
current
ICCS
VCC
Sleep
operation
(PLL)
72 MHz
19
47
mA
*3
When all peripheral
clocks are ON
60 MHz
16
43
48 MHz
13
40
36 MHz
10
37
24 MHz
7.8
34
12 MHz
5.2
31
8 MHz
4.3
30
4 MHz
3.5
29
72 MHz
8.8
36
mA
*3
When all peripheral
clocks are OFF
60 MHz
7.7
35
48 MHz
6.6
34
36 MHz
5.5
32
24 MHz
4.4
31
12 MHz
3.4
30
8 MHz
3
29
4 MHz
2.7
29
*1: TA=+25 °C, VCC=3.3 V
*2: Tj=+125 °C, VCC=5.5 V
*3: When all ports are input and are fixed at "0".
*4: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK/2
*5: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com