Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360L Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 16Page - Cypress Semiconductor MB9B360L Datasheet HTML 17Page - Cypress Semiconductor MB9B360L Datasheet HTML 18Page - Cypress Semiconductor MB9B360L Datasheet HTML 19Page - Cypress Semiconductor MB9B360L Datasheet HTML 20Page - Cypress Semiconductor MB9B360L Datasheet HTML 21Page - Cypress Semiconductor MB9B360L Datasheet HTML 22Page - Cypress Semiconductor MB9B360L Datasheet HTML 23Page - Cypress Semiconductor MB9B360L Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 20 of 128
MB9B360L Series
Pin
Function
Pin Name
Function Description
Pin No
LQFP64
QFN64
LQFP48
QFN48
Base Timer
6
TIOA6_0
Base timer ch.6 TIOA pin
14
10
TIOB6_0
Base timer ch.6 TIOB pin
15
11
Base Timer
7
TIOA7_0
Base timer ch.7 TIOA pin
26
-
TIOA7_1
36
27
TIOB7_0
Base timer ch.7 TIOB pin
27
-
TIOB7_1
37
28
Debugger
SWCLK
Serial wire debug interface clock input pin
52
40
SWDIO
Serial wire debug interface data input / output pin
50
38
SWO
Serial wire viewer output pin
49
37
TCK
JTAG test clock input pin
52
40
TDI
JTAG test data input pin
51
39
TDO
JTAG debug data output pin
49
37
TMS
JTAG test mode state input/output pin
50
38
TRSTX
JTAG test reset Input pin
53
41
External
Interrupt
INT00_0
External interrupt request 00 input pin
2
-
INT00_1
34
25
INT01_0
External interrupt request 01 input pin
3
-
INT01_1
35
26
INT02_0
External interrupt request 02 input pin
4
-
INT02_1
36
27
INT03_0
External interrupt request 03 input pin
5
-
INT03_1
38
29
INT04_0
External interrupt request 04 input pin
6
2
INT04_1
43
34
INT05_0
External interrupt request 05 input pin
7
3
INT05_1
44
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com