Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360L Datasheet(PDF) 97 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 97 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 93Page - Cypress Semiconductor MB9B360L Datasheet HTML 94Page - Cypress Semiconductor MB9B360L Datasheet HTML 95Page - Cypress Semiconductor MB9B360L Datasheet HTML 96Page - Cypress Semiconductor MB9B360L Datasheet HTML 97Page - Cypress Semiconductor MB9B360L Datasheet HTML 98Page - Cypress Semiconductor MB9B360L Datasheet HTML 99Page - Cypress Semiconductor MB9B360L Datasheet HTML 100Page - Cypress Semiconductor MB9B360L Datasheet HTML 101Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 97 of 128
MB9B360L Series
12.4.12 External Input Timing
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse
width
tINH,
tINL
ADTG
-
2tCYCP*
1
-
ns
A/D converter trigger input
FRCKx
Free-run timer input clock
ICxx
Input capture
DTTIxX
-
2tCYCP*
1
-
ns
Waveform generator
INT00 to INT31,
NMIX
-
2tCYCP + 100*
1
-
ns
External interrupt,
NMI
500*
2
-
ns
WKUPx
-
500*
3
-
ns
Deep standby wake up
*1: tCYCP indicates the APB bus clock cycle time except stop when in Stop mode, in timer mode.
About the APB bus number which the A/D converter, multi-function timer, external interrupt are connected to, see 8. Block
Diagram in this data sheet.
*2: When in Stop mode, in timer mode.
*3: When in deep standby RTC mode, in Deep Standby Stop mode.
t
INH
t
INL
V
ILS
V
ILS
V
IHS
V
IHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com