Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PD64012 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Maximum Ratings ______________________________________________
Vmain…………………………………………………-0.3 to 80 V(1)
DGND, AGND, QGND, SENSE_NEG…………..-0.3 to 0.3 V(2)
CLK, RESETN, CS0_N, CS1_N….………... -0.3 to (VPERI+ 0.3) V
VPORT_POSx ………………………………..……
-0.3 to 80 V(1)
VPORT_NEGx, REF_PORT_NEG
VPORT_POSx - VPORT_NEGx
PORT_SENSEx…………………………..……… -0.3 to 15 V
VCC2p5, ADC2p5………….………………………...
.
-0.3 to 3 V
VPERI……………………………..…………………. 4 V
EXT_REG……………………………………..……-0.3 to 6 V
I2CINI, ASICINI…………………………………… -0.3 to 3 V
MISO, MOSI, SCK, SCL, SDA,
ESD (Human Body Model)…………….….… -2 to 2 kV(3)
Max junction temperature (Tjunc)…………..…+150
°C
Junction-ambient thermal resistance (θJA)….. 25
°C/W
Junction-case thermal resistance (θJC)………16
°C/W
Lead temperature (soldering, 10 s)…………. 300
°C
Storage temperature…………………………..-40 to +125
°C
Notes: “x” defines port numbers, 0 thru 11, inclusive.
(1) 80 V is the transient voltage that can be applied for at most one minute.
(2) Maximum value between grounds.
(3) ESD testing is performed in accordance with the Human Body Model (CZap = 100 pF, RZap = 1500 Ω).
Stresses beyond those listed above, may cause permanent damage to the device. Exposure to absolute maximum rating conditions for
extended periods, may affect device reliability.
Operating Conditions ___________________________________________
PARAMETER
MIN.
NOM.
MAX.
UNIT
Operating temperature
-20
+85
°C
Operational limitations (1)
15 to 44
44 to 55
55 to 57
V
(1)
Operating functions depend on the input voltage, as shown in the distribution of Figure 1.
15
57
44
55
Communications (operates over entire range)
PoL 802.3af Compliance
(from 44 to 57 V)
AC Disconnect
(only up to 55 V)
V
Figure 1 - Operational Ranges
Electrical Characteristics ________________________________________
DC Characteristics for Digital Inputs and Outputs
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
REMARKS
Pin Name
DISABLE_PORTS
Type
Schmitt Trigger CMOS input, TTL level with internal pullup
High level input voltage
VIH
2.0
V
Low level input voltage
VIL
0.8
V
Input voltage hysteresis
0.3
V
Input high current
IIH
+10
+150
µA
Input low current
IIL
NA
NA
µA
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com