Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64012 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PD64012 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Pmain = Vmain x I main
Pmain typ. = 48 VDC x 10 mA = 0.480 W.
Pmain max. = 57 VDC x 15 mA = 0.855 W
Device Power Dissipation – the PD64012 incorporates 12 power MOSFETs, each characterized by:
Resistance from drain-source Rds(on) = 0.3 Ω typ. ; 0.5 Ω max.
Drain-source current Ids = 360 mA max.
Maximum power dissipation PMOSFET max. of a single PD64012 device (for 12 MOSFETs) :
[(Ids)
2 x R
ds(on)] x 12 = [(0.36 A)
2 x 0.5 Ω] x 12 = 0.78 W
Charge pump (see Analog Section of Block Diagram Description, hereafter) power dissipation PCP is 0.21 W.
Total power dissipation Ptotal by device, under maximum conditions:
Ptotal = Pmain max. + PMOSFET max. + PCP = 0.855 W + 0.78 W + 0.21 W = 1.845 W
I
lim
I
cut
I
min
T
min
UDL_S
UDL
Port off
OVL
T
cut
OVL_S
I
channel
Port 1
Port 2
Figure 2: Power Limits
Protection Mechanism
The PD64012 includes internal thermal protection to avoid junction overheat. Three types of temperature sensors
are integrated into the device: two are used for protection and one for temperature monitoring.
Hi-temp protection – the device contains thermal shutdowns. This protection system is activated in extreme
conditions.
Lo-temp protection – there are thermal sensors that are intended to protect the functionality of the device, in
cases of temperature rise.
Indicator sensors – four temperature sensors monitor the local temperature in the device. Their average is also
calculated by the PD64012. All values are stored in internal registers for data retrieval. The register values are
calculated by:
Decimal value = 684 - 1.514 x [(Tjunc)+ 40 °C].
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com