Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64012 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PD64012 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Automatic mode – in this mode the PD64012 PoE
Managers communicate with the host CPU, through
an isolated I
2C bus. The PD64012 SPI bus is
dedicated
for
internal
communication
among
PD64012s (for power management), as illustrated in
Figure 4.
HOST
CPU
SDA
SCL
SDA
SCL
SDA
SCL
SDA
SCL
SDA
SCL
Input Opto
I/O Opto
I2C BUS
PD64012
#00
PD64012
#01
PD64012
#10
PD64012
#11
Master
Slave
Slave
Slave
SPI BUS
MOSI
MISO
MOSI
MISO
MOSI
MISO
MOSI
MISO
SCK
SCK
SCK
SCK
CS[0:1]_N
Anyone of the devices (for example, PD64012 #00)
may be configured as Master, while the others are
Slaves. This Master/Slave configuration only affects
the Serial Peripheral Interface (SPI) bus. It is critical
that only one of them be set-up as a Master, with the
others acting as Slaves, in order to avoid SPI clock
and data I/Os contentions.
Figure 4: Automatic Mode
Mode Configuration Method
The PoE Manager’s configuration is done via the ASIC_INI pin, according to the following table.
The ASIC_INI analog signal is converted into a 10-bit register (A/D). Once a hard Reset pulse is detected, the data
is latched into an internal mode register.
MODE NAME
ASIC_INI
VOLTAGE LEVEL
ASIC_INI INTERNAL A/D
REGISTER
I
2C 2 LSB ADDRESS
(set internally)
Enhanced mode
0.31 to 0.63 V
001
00
Auto mode – Slave 1
0.63 to 0.94 V
010
01
Auto mode – Slave 2
0.94 to 1.25 V
011
10
Auto mode – Slave 3
1.25 to 1.56 V
100
11
Auto mode - Master
2.19 to 2.5 V
111
00
Notes:
In the Auto mode – the PD64012 is communicating with the host via I
2C.
In the Enhanced mode – the PD64012 is communicating with the controller via SPI.
Block Diagram Description (see Figure 5)
The PD64002 PoE Manager complies with all requirements of IEEE standard 802.3af-2003, for detection. The
device has been designed around two major sections:
1.
A common Digital section, that serves all 12 channels
2.
Twelve separate and identical channels for driving ports.
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com