Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64012 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PD64012 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Electrical Characteristics for Analog I/O Pads
PARAMETER
MIN.
MAX.
UNIT
REMARKS
(continued)
Pin Name
ASICINI, I2CINI
Operating voltage
0
ADC2p5
V
Current consumption
-1
+1
µA
Pin Name
IREF
Output voltage
1.21
1.34
V
With external 24.9 k
Ω resistor to ground
Dynamic Characteristics
The PD64012 is an advanced power-limiting device that uses three programmable current level thresholds (Imin, Icut,
Ilim) and two timers (Tmin, Tcut ), to operate as shown in Figure 2. Loads that dissipate more than Icut for longer than
Tcut (OVL_S to OVL) are classified as overloads and are automatically shutdown. Output power dissipation below
Imin for during more than Tmin (UDL_S to UDL) will be classified as no-load and will also be shutdown. Automatic
recovery from overload and no-load conditions are attempted every TOVLREC and TUDLREC periods (typically 5 and 1
seconds, respectively). In any case, output power is limited to Ilim, which is a maximum peak power allowed at the
port.
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Automatic recovery from
overload shutdown
TOVLREC value, measured from port shutdown
(can be modified through control port)
5
s
Automatic recovery from
no-load shutdown
TUDLREC value, measured from port shutdown
(can be modified through control port)
1
s
Cutoff timers accuracy
Typical accuracy of Tcut
10
ms
Inrush current
IInrsh
For t=50 ms, Cload=180 uF max.
400
450
mA
Output current
operating range
Iport
Continuous operation after
startup period.
10
350
mA
Output power available,
operating range
Pport
Continuous operation after
startup period, at port output.
0.57
15.4
W
Imin1
Must disconnect for t greater than
TUVL
0
5
mA
Off mode current
Imin2
May or may not disconnect for t
greater than TUVL
5
7.5
10
mA
PD power maintenance
request drop-out time
limit
TPMDO
Buffer period to handle
transitions
300
400
ms
Over load current
detection range
Icut
Time limited to TOVL
350
400
mA
Over load time limit
TOVL
50
75
ms
Turn on rise time
Trise
From 10% to 90% of Vport
(specified for PD load consisting
of 100 uF capacitor in parallel to
200
Ω).
15
us
Turn off time
Toff
From Vport to 5 Vdc
500
ms
Thermal Data
Power consumption – the internal power consumption of a single device from the DC input is based on:
Input voltage range………… 44 to 57 VDC
Input current………………… 10 mA typ.; 15 mA max.
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com