Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PD64012 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
DC Characteristics for Digital Inputs and Outputs
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
REMARKS
(continued)
Pin Name
SCL
Type
Schmitt Trigger CMOS input, TTL level with internal pullup
High level input voltage
VIH
2.0
V
Low level input voltage
VIL
0.8
V
Input voltage hysteresis
0.3
V
Input high current
IIH
NA
NA
µA
Input low current
IIL
-150
-10
µA
Pin Name
MOSI, MISO, CS0_N, CS1_N, SCK
Type
CMOS I/O, TTL level with no internal pull up/pull down resistor
High level input voltage
VIH
2.0
V
Low level input voltage
VIL
0.8
V
Input voltage hysteresis
0.3
V
Input high current
IIH
-1
+1
µA
Input low current
IIL
-1
+1
µA
High level output voltage
VPERI-0.4V
V
Iout = 3 mA
Low level output voltage
0.4
V
Iout = 3 mA
Tri state output current
-1
+1
µA
Pin Name
RESET_N, SDA
Type
CMOS open drain output with Schmitt Trigger input, TTL level
High level input voltage
0.4
V
Iout = 3mA
Low level input voltage
VIL
0.8
V
Input voltage hysteresis
0.3
V
OFF state output current
-1
+1
µA
Electrical Characteristics for Analog I/O Pads
PARAMETER
MIN.
MAX.
UNIT
REMARKS
Pin Name
VPORT_POSx, VPORT_NEGx, REF_PORT_NEG
Operating voltage
44
62
V
Pin current consumption
-5
+5
µA
Port driver off, Vport differential measurement off, AC
generator off
Pin Name
PORT_SENSEx
Operating voltage
0
1.48
V
With external 2 ohms (1%) to ground
Internal current consumption
20
µA
Pin Name
VMAIN
Operating voltage
44
57
V
Vmain current consumption
20
mA
Total on Vmain
Pin Name
CP out
Operating voltage
44
67
V
Pin current consumption
5
mA
Pin Name
ADC2p5, VCC2p5, VPERI, EXT_REG
ADC2p5 output voltage
2.45
2.55
V
ADC2p5 internal current
consumption
6
mA
Recommended external cap. = 47 to 135 nF
VCC2p5 output voltage
2.37
2.62
V
Recommended external cap. = 47 to 135 nF
VCC2p5 internal current
consumption
5
mA
VPERI output voltage
3.13
3.46
V
Recommended external cap. = 1 to 4.7 µF
VPERI external current load
6
mA
Without external NPN
EXT_REG output current
6
mA
When using external NPN for VPERI
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com