Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64012 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PD64012 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Vp o rt
M e a s u rem en t
I
cla s s Re g
PoL
Se q u e n c e r
P o w e r M a n a ge m e nt
I
lim Re g
Cu r re n t a n d A C
Vo lta g e
M e asu re m e nt
Ch a n n e l RT
Co n tro l Sta tu s
O v e r lo a d /
D isco nn ec t
R eco v e ry
Co m
In te rface
SP I
I2C
Ov e rlo a d
Lo gic
DC Dis c o n n e c t
Lo gic
A C D isc on ne ct
Ma c ro
C la ssifica tio n
R e sis tor Line
D e tectio n
Re a l T im e
P rotectio n
8-b it
AD C
I
lim 8- b i t D A C
I
cla s s 8- b i t D A C
C u r re n t L im itin g
x12
Clo c k
O s c illa to r
VM A IN
Vm a in
48 + 5 v
Pu m p
Up
PO R
Vo lta g e
Re g u la to r
R ese t
+ 4 8 V
V P ORT P OS
VP O R TNE G
PO RT SE NS E
V p o r t L e v e l S h ifte r
L in e D e te c tio n
x1 2
A C D isc on ne ct G e ne ra to r
x1 2
AC D A C
8-b it
LD D A C
Vpo r t
10 -b it
AD C
Se n s e
Re s is to r
C las sificatio n
V m ain -1 7 V
Dig ita l
Dig ita l
An a lo g
An a lo g
MIS O
MO S I
SS
SC K
SC L
SD A
D C D isc on nec t
Co m p a ra to r
SP I
I2C
C o mmu n ic a tio n
I/O
Figure 5: Internal Block Diagram
Digital Section
Communication I/O
The PD64012 incorporates two communication interfaces. When operating in the Enhanced mode, an SPI bus
connects the PD63000 MCU to the PD64012s. The second interface is the I
2C, used in the Automatic mode (with
the host).
Both interfaces are used to communicate the contents of internal registers between the PD64012 logic and the
MCU.
PoE Sequencer
This central block of the Digital section includes a combination of internal state machines (macros). It is fed from
the Overload/Disconnect Recovery circuit and from the Power Management block.
Power Management
Receives data from the Vport Measurement block and receives commands and controls from the Communication
Interface. This, in order to control the power allocated to the system, as defined by the host. Power Management
receives requests to enable ports and decides, by communicating with the Sequencer, whether power is to be
allocated.
Overload /Disconnect Recovery
There is a number of macros which decide on port enable and some on port disconnect.
Port enabling: Classification, Resistor Line Detection and Vport Measurement.
Port disable: AC Disconnect, DC Disconnect and Overload Logic. These macros are connected to the Channel RT
Control Status block. Based on the inputs from these macros, the Channel RT controller starts the shutdown
operation or the recovery process. This is done according to preprogrammed parameters for different time
windows, as shown in Figure 2, Power Limits.
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com