Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWDASPA1.UC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # GWDASPA1.UC
Description  Optimized for high efficacies under application conditions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWDASPA1.UC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button GWDASPA1.UC Datasheet HTML 2Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 3Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 4Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 5Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 6Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 7Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 8Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 9Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Version 0.0
GW DASPA1.UC
2012-12-14
6
DRAFT – For Reference only. Subject to change.
Color Chromaticity Groups
2) page 19
Farbortgruppen
2) Seite 19
8C
7C
6C
5C
8D
7D
6D
5D
8E
7E
6E
5E
8F
7F
6F
5F
8G
7G
6G
5G
0,31
0,32
0,33
0,34
0,35
0,36
0,37
0,29
0,30
0,31
0,32
0,33
0,34
0,35
0,36
0,37
Cx
Cy
6000 K
6500 K
5700 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com