Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWDASPA1.UC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GWDASPA1.UC
Description  Optimized for high efficacies under application conditions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWDASPA1.UC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GWDASPA1.UC Datasheet HTML 4Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 5Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 6Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 7Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 8Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 9Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 10Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 11Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Version 0.0
GW DASPA1.UC
2012-12-14
8
DRAFT – For Reference only. Subject to change.
Relative Spectral Emission - V(
λ): Standard eye response curve4) page 19
Relative spektrale Emission - V(
λ): spektrale Augenempfindlichkeit4) Seite 23
Φ
rel = f (λ); TS = 25 °C; IF = 100 mA
Radiation Characteristics
4) page 19
Abstrahlcharakteristik
4) Seite 23
Ι
rel = f (ϕ); TS = 25 °C
OHL05521
350
400
450
500
550
600
650
700
750
800
λ[nm]
0.0
0.2
0.4
0.6
0.8
1.0
Φ
rel
: coldwhite
: Vλ
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
ϕ [°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 Ιv rel
: 90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com