Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWDASPA1.UC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWDASPA1.UC
Description  Optimized for high efficacies under application conditions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWDASPA1.UC Datasheet(HTML) 4 Page - OSRAM GmbH

  GWDASPA1.UC Datasheet HTML 1Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 2Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 3Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 4Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 5Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 6Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 7Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 8Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Version 0.0
GW DASPA1.UC
2012-12-14
4
DRAFT – For Reference only. Subject to change.
Characteristics
Kennwerte
(T
S = 25 °C)
Parameter
Bezeichnung
Symbol
Symbol
Value
Wert
Unit
Einheit
Color temperature
2) page 19
(min.)
Farbtemperatur
2) Seite 19)
I
F = 100 mA
(max.)
T
T
5700
6500
K
K
Luminous Flux
2) page 19
(min.)
Lichtstrom
2) Seite 19
I
F = 100 mA
(max.)
Φ
V
Φ
V
28.0
45.0
lm
lm
Viewing angle at 50 %
Ι
V
(typ.)
Abstrahlwinkel bei 50 %
Ι
V
2
ϕ
130
°
Forward voltage
3) page 19
(min.)
Durchlassspannung
3) Seite 19)
(typ.)
I
F = 100 mA
(max.)
V
F
V
F
V
F
2.6
3.02
3.6
V
V
V
Reverse Voltage
3) page 22)
Sperrspannung
3) Seite 19
I
R = 20 mA
(max.)
V
R
1.2
V
Thermal resistance: junction/solder point
(at an efficiency of 30 %)
Wärmewiderstand: Sperrschicht/Lötstelle
(typ.)
(bei einer Effizienz von 30 %)
(max.)
R
th el JS
R
th el JS
18
22*
K/W
K/W
*R
th(max) is based on statistic values: 0.00034 % of all LEDs reach or exceed the value.
R
th(max) basiert auf statistischen Werten: 0,00034 % der LEDs erreichen oder überschreiten den Wert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com