Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWDASPA1.UC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWDASPA1.UC
Description  Optimized for high efficacies under application conditions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWDASPA1.UC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWDASPA1.UC Datasheet HTML 6Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 7Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 8Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 9Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 10Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 11Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 12Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 13Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Preliminary Version 0.1
GW DASPA1.UC
2012-12-14
10
DRAFT – For Reference only. Subject to change.
Relative Forward Voltage
4) page 19
Relative Vorwärtsspannung
4) Seite 23
ΔU
F = UF - UF(25 °C) = f (Tj); IF = 100 mA
Chromaticity Coordinate Shift
2) page 19
Farbortverschiebung
2) Seite 23
C
x, Cy = f (T
j); IF = 100 mA
Relative Luminous Flux
4) page 19
Relativer Lichtstrom
4) Seite 23
Φ
V/ΦV(25 °C) = f (T
j); IF = 100 mA
OHL06142
-40 -20
0
20
40
60
80 100 120
T j (°C)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
ΔVF (V)
OHL05520
-40 -20 0 20 40 60 80 100 120
Tj [°C]
-0.015
-0.010
-0.005
0.000
0.005
Cx
Cy
: Cx
: Cy
OHL05519
-40 -20 0 20 40 60 80 100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com