Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2496M Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2496M
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2496M Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2496M Datasheet HTML 5Page - Monolithic Power Systems MP2496M Datasheet HTML 6Page - Monolithic Power Systems MP2496M Datasheet HTML 7Page - Monolithic Power Systems MP2496M Datasheet HTML 8Page - Monolithic Power Systems MP2496M Datasheet HTML 9Page - Monolithic Power Systems MP2496M Datasheet HTML 10Page - Monolithic Power Systems MP2496M Datasheet HTML 11Page - Monolithic Power Systems MP2496M Datasheet HTML 12Page - Monolithic Power Systems MP2496M Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP2496M – STEP-DOWN CONVERTER WITH SINGLE USB CHARGING PORT
MP2496M Rev.1.0
www.MonolithicPower.com
9
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN-26
Pin #
Name
Description
1, 2
USB
USB output.
3, 15, 25
OUT
Buck output. OUT is the USB’s power input. Internal circuits sense the OUT
voltage and regulate it to 5V.
4, 14
IN
Supply voltage. The MP2496M operates on a 7V to 36V input voltage. CIN is
needed to prevent large voltage spikes at the input. Place CIN as close to the IC
as possible. IN is the drain of the internal power device and the power supply
for the whole chip.
5, 6, 12, 13
PGND
Power ground. PGND is the reference ground of the regulated output voltage.
PGND requires extra care during PCB layout. Connect to GND with copper
traces and vias.
7
FREQ
Frequency selection. Float FREQ to set the frequency to 150kHz. Pull FREQ
to ground to set the frequency to 250kHz. Pull FREQ to high to set the
frequency to 350kHz.
8
EN
On/Off control input.
9, 10, 26
SW
Switch output. Connect using a wide PCB trace.
11
BST
Bootstrap. Requires a 0.1µF capacitor between SW and BST to form a floating
supply across the high-side switch driver.
16, 17
NC
No connection. NC can be connected to OUT for better thermal dissipation.
18
AGND
Analog ground. Connect AGND to PGND.
19
VCC
Internal 5V LDO regulator output. Decouple VCC with a 0.22µF capacitor.
20
VDROP
Line drop compensation selection. Refer to the EC table for detailed
specifications.
21, 22
NC
No connection. NC must be left floating.
23
DP
D+ data line to the USB connector. Input/output used for handshaking with
portable devices.
24
DM
D- data line to the USB connector. Input/output used for handshaking with
portable devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com