Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2496M Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2496M
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2496M Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2496M Datasheet HTML 9Page - Monolithic Power Systems MP2496M Datasheet HTML 10Page - Monolithic Power Systems MP2496M Datasheet HTML 11Page - Monolithic Power Systems MP2496M Datasheet HTML 12Page - Monolithic Power Systems MP2496M Datasheet HTML 13Page - Monolithic Power Systems MP2496M Datasheet HTML 14Page - Monolithic Power Systems MP2496M Datasheet HTML 15Page - Monolithic Power Systems MP2496M Datasheet HTML 16Page - Monolithic Power Systems MP2496M Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP2496M – STEP-DOWN CONVERTER WITH SINGLE USB CHARGING PORT
MP2496M Rev.1.0
www.MonolithicPower.com
13
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
USB CURRENT-LIMIT SWITCH SECTION:
Current-Limit Switch
The MP2496M has a single-channel, USB,
current-limit switch. It provides built-in, soft-start
circuitry that controls the rising slew rate of the
output voltage to limit inrush current and voltage
surges.
When the load current reaches the current limit
threshold (typically 2.75A), the USB power
MOSFET switches into a foldback current limit
mode, 70% of the current limit (see Figure 4). If
the over-current limit condition lasts for more
than 3ms, the chip enters hiccup mode with 3ms
of on-time and 8.5s of off-time.
5
0
Vout(V)
Current Limit
Fold-back
Current Limit
Iout(A)
3ms
t
Figure 4: Over-Current Limit
During VIN or EN start-up, the CC load current
does not exceed 70% of the current limit to avoid
triggering the foldback current limit and start-up
failure.
Output Line Drop Compensation
The MP2496M is capable of compensating for an
output voltage drop (such as a high impedance
caused by a long trace) to keep a fairly constant
5V load-side voltage. The MP2496M uses the
internal current sense output voltage of the
current-limit switch to compensate for the line drop
voltage. Since the trace resistance varies for
different
cables,
the
MP2496M
provides
selectable
line
drop
compensation
through
VDROP. The line drop compensation amplitude
increases linearly as the load current increases
and also has an upper limitation.
USB Output Over-Voltage Protection (OVP)
In order to protect the device at the cable terminal,
the USB switch’s output has a dynamic over-
voltage protection threshold. The MP2496M
adjusts the OVP threshold based on different USB
loading currents. The MP2496M has intelligent
line drop compensation and a dynamic over-
voltage protection control scheme to ensure the
voltage at the cable terminal meets the 4.75V-
5.25V specification.
USB Output Discharge
Each USB portion involves a discharge function
that provides a resistive discharge path for the
external output capacitor. The function is active
when the part is disabled (input voltage is under
UVLO, enable off) and is done in a very limited
amount of time.
Auto-Detection
The MP2496M integrates the USB dedicated
charging
port
auto-detect
function,
which
recognizes most mainstream portable devices. It
supports the following charging schemes:
USB battery charging specification BC1.2/
Chinese
Telecommunications
Industry
Standard YD/T 1591-2009
Divider mode
1.2V/1.2V mode
The auto-detect function is a state machine that
supports all of the above DCP charging schemes.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures. When
the silicon die temperature exceeds 165°C, the
entire chip shuts down. When the temperature
falls below its lower threshold, typically 145°C, the
chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com