Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2496M Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2496M
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2496M Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2496M Datasheet HTML 1Page - Monolithic Power Systems MP2496M Datasheet HTML 2Page - Monolithic Power Systems MP2496M Datasheet HTML 3Page - Monolithic Power Systems MP2496M Datasheet HTML 4Page - Monolithic Power Systems MP2496M Datasheet HTML 5Page - Monolithic Power Systems MP2496M Datasheet HTML 6Page - Monolithic Power Systems MP2496M Datasheet HTML 7Page - Monolithic Power Systems MP2496M Datasheet HTML 8Page - Monolithic Power Systems MP2496M Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP2496M
2.5A, 36V, Frequency Selectable
Step-Down Converter
with Single USB Charging Port
MP2496M Rev.1.0
www.MonolithicPower.com
1
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2496M integrates a monolithic, step-
down, switch-mode converter and a single USB
current-limit
switch
with
charging
port
identification circuits. It achieves 2.5A of
continuous output current with excellent load
and line regulation over a wide input supply
range.
The output of the USB switch is current limited.
The MP2496M provides a USB dedicated
charging port (DCP) which supports battery
charging specification 1.2 (BC1.2), divider
mode, and 1.2V/1.2V mode without the need of
outside user interaction. The output voltage has
programmable line-drop compensation.
Full protection features include hiccup current
limiting, output over-voltage protection (OVP), and
thermal shutdown.
The MP2496M requires a minimum number of
readily available, standard, external components
and is available in a QFN-26 (4mmx4mm)
package.
FEATURES
• EMI Reduction Technique
• Wide 7V to 36V Operating Input Voltage
Range
• Fixed 5V Output Voltage with Line Drop
Compensation
• Accurate USB Output Current Limit
• 40mΩ/32mΩ Low-RDS(ON) Internal Buck
Power MOSFETs
• 24mΩ Low-RDS(ON) Internal USB Power
MOSFET
• 350kHz/250kHz/150kHz Frequency
Selectable
• Programmable Line Drop Compensation
• Output Over-Voltage Protection (OVP)
• Hiccup Current Limit
• Supports DCP Scheme for BC1.2, Divider
Mode, and 1.2V/1.2V Mode
• ±8kV HBM ESD Rating for USB, DP, and
DM
• Available in a QFN-26 (4mmx4mm) Package
APPLICATIONS
• USB Dedicated Charging Port (DCP)
• Automotive Cigarette Lighter Adapters
• Power Supply for Linear Chargers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2496M

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2496M MPS-MP2496M Datasheet
450Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Singel USB Charging Port
More results

Similar Description - MP2496M

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MPQ4475M MPS-MPQ4475M Datasheet
618Kb / 17P
36V, 2.5A, Frequency Selectable, Step-Down Converter with Single USB Charging Port AEC-Q100 Qualified
MP5402M MPS-MP5402M Datasheet
715Kb / 17P
5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
MP5408M MPS-MP5408M Datasheet
895Kb / 21P
36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
EV5402M-R-00A MPS-EV5402M-R-00A Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV5402M-R-00B MPS-EV5402M-R-00B Datasheet
1Mb / 7P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV2496M-R-00A MPS-EV2496M-R-00A Datasheet
450Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Singel USB Charging Port
EVQ4491M-RE-00A MPS-EVQ4491M-RE-00A Datasheet
408Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
MPQ4475-E MPS-MPQ4475-E Datasheet
995Kb / 17P
36V, 2.5A, Frequency Selectable,36V, 2.5A, Frequency Selectable,with Single USB Charging Port AEC-Q100 Qualified
Rev. 1.0 10/24/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com