Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2496M Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2496M
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2496M Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2496M Datasheet HTML 9Page - Monolithic Power Systems MP2496M Datasheet HTML 10Page - Monolithic Power Systems MP2496M Datasheet HTML 11Page - Monolithic Power Systems MP2496M Datasheet HTML 12Page - Monolithic Power Systems MP2496M Datasheet HTML 13Page - Monolithic Power Systems MP2496M Datasheet HTML 14Page - Monolithic Power Systems MP2496M Datasheet HTML 15Page - Monolithic Power Systems MP2496M Datasheet HTML 16Page - Monolithic Power Systems MP2496M Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP2496M – STEP-DOWN CONVERTER WITH SINGLE USB CHARGING PORT
MP2496M Rev.1.0
www.MonolithicPower.com
14
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Inductor
Use an inductor with a DC current rating at
least 25% higher than the maximum load
current for most applications. Select an inductor
with a small DC resistance for best efficiency.
The inductor value for most designs can be
estimated with Equation (1):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
(1)
Where ΔIL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current is
calculated with Equation (2):
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
(2)
A 22μH inductance is recommended to improve
EMI.
Selecting the Buck Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. For best performance, use low ESR
capacitors. Ceramic capacitors with X5R or
X7R dielectrics are recommended highly
because
of
their
low
ESR
and
small
temperature coefficients. For CLA applications,
a low ESR 100μF electrolytic capacitor and two-
piece
10μF
ceramic
capacitors
are
recommended for EMI reduction.
Since the input capacitor (C1) absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (3):
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(3)
The worse-case condition occurs at VIN = 2VOUT,
shown in Equation (4):
2
I
I
LOAD
1
C =
(4)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic capacitors,
place two high-quality ceramic capacitors as
close to the IC’s IN as possible. The input
voltage ripple caused by the capacitance can
be estimated with Equation (5):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
(5)
Selecting the Buck Output Capacitor
The device requires an output capacitor (C2) to
maintain the DC output voltage. Estimate the
output voltage ripple with Equation (6):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠
(6)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For tantalum or electrolytic capacitors, ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (7):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
(7)
The characteristics of the output capacitor
affect the stability of the regulation system. Low
ESR electrolytic capacitors are recommended
for a low output ripple and good control loop
stability. For CLA applications, a 270µF polymer
capacitor or an electrolytic capacitor with
~20mΩ ESR, and one 1µF ceramic capacitor
are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com