Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2496M Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2496M
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2496M Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2496M Datasheet HTML 8Page - Monolithic Power Systems MP2496M Datasheet HTML 9Page - Monolithic Power Systems MP2496M Datasheet HTML 10Page - Monolithic Power Systems MP2496M Datasheet HTML 11Page - Monolithic Power Systems MP2496M Datasheet HTML 12Page - Monolithic Power Systems MP2496M Datasheet HTML 13Page - Monolithic Power Systems MP2496M Datasheet HTML 14Page - Monolithic Power Systems MP2496M Datasheet HTML 15Page - Monolithic Power Systems MP2496M Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP2496M – STEP-DOWN CONVERTER WITH SINGLE USB CHARGING PORT
MP2496M Rev.1.0
www.MonolithicPower.com
12
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Buck Output Over-Voltage Protection (OVP)
The MP2496M buck converter has output over-
voltage protection (OVP). If the output is higher
than 6V, the high-side switch stops turning on,
and the low-side switch turns on to discharge the
output voltage until the output decreases to
5.75V. The chip then resumes normal operation.
If the output over-voltage can’t be discharged to
5.75V, the low-side switch turns off after the
inductor current reaches a negative current limit
and remains off until the next clock cycle is
triggered.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. The UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M1, C4,
L1, and C2 (see Figure 3). If VBST-VSW exceeds
5V, U1 regulates M1 to maintain a 5V BST
voltage across C4.
VIN
VOUT
D1
M1
BST
C4
L1
SW
U1
5V
C2
Figure 3: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip is enabled. The reference
block starts first, generating stable reference
voltages and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: EN low, VIN
low, and thermal shutdown. During the shutdown
procedure, the signaling path is blocked first to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.
Buck Output Discharge
The buck portion uses a discharge function to
provide a resistive discharge path for the external
output capacitor. The function is active when the
part is disabled (input voltage is under UVLO,
enable off) and is done in a very limited amount
of time. After VCC is discharged below 1V, the
buck output discharge resistor disconnects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com