Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2496M Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2496M
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2496M Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2496M Datasheet HTML 7Page - Monolithic Power Systems MP2496M Datasheet HTML 8Page - Monolithic Power Systems MP2496M Datasheet HTML 9Page - Monolithic Power Systems MP2496M Datasheet HTML 10Page - Monolithic Power Systems MP2496M Datasheet HTML 11Page - Monolithic Power Systems MP2496M Datasheet HTML 12Page - Monolithic Power Systems MP2496M Datasheet HTML 13Page - Monolithic Power Systems MP2496M Datasheet HTML 14Page - Monolithic Power Systems MP2496M Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP2496M – STEP-DOWN CONVERTER WITH SINGLE USB CHARGING PORT
MP2496M Rev.1.0
www.MonolithicPower.com
11
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
BUCK CONVERTER SECTION:
The
MP2496M
integrates
a
monolithic,
synchronous, rectified, step-down, switch-mode
converter with internal power MOSFETs and a
USB current-limit switch with charging port auto-
detection. It offers a very compact solution that
achieves 2.5A of continuous output current with
excellent load and line regulation over a wide
input supply range.
The MP2496M operates in a fixed-frequency,
peak current-mode control to regulate the output
voltage. The internal clock initiates the PWM
cycle, turning on the integrated high-side power
MOSFET (HS-FET). The HS-FET remains on
until its current reaches the value set by VCOMP. If
the power switch is off, it remains off until the
next clock cycle starts. If the duty cycle reaches
88% (350kHz switching frequency) in one PWM
period, the current in the power MOSFET does
not reach the value set by VCOMP and is forced off.
Error Amplifier (EA)
The error amplifier compares the internal
feedback voltage against the internal 1V
reference (REF) and outputs the COMP voltage,
which controls the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.
VCC Regulator
The 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When VIN
is greater than 5.0V, the output of the regulator is
in full regulation. When VIN is lower than 5.0V, the
output voltage decreases with VIN. An external
0.22µF
ceramic
capacitor
is
required
for
decoupling.
Enable Control (EN)
The MP2496M has an enable control (EN).
Pulling EN high enables the IC; pulling EN low
disables the IC. Connect EN to VIN through a
resistor for automatic start-up. An internal 1MΩ
resistor connected from EN to GND allows EN to
float to shut down the IC.
EN is clamped internally using a 7.6V series
Zener diode (see Figure 2). Connecting the EN
input through a pull-up resistor to the voltage on
VIN limits the EN input current to less than 230μA
and the amplitude of the voltage source below
10V, preventing damage to the Zener diode.
For example, connect 36V to VIN, RPULLUP ≥ (36V
– 10V)/230µA = 113kΩ.
Figure 2: Zener Diode between EN and GND
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP2496M’s UVLO comparator monitors the
input voltage. The UVLO rising threshold is 5.7V
while its falling threshold is 4.7V.
Internal Soft Start (SS)
The soft start prevents the converter output
voltage from overshooting during start-up. When
the chip starts, the internal circuitry generates a
soft-start voltage (SS) that ramps up from 0V to
5V. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF as
the reference. The SS time is internally set to
1.65ms.
If the output of the MP2496M is pre-biased to a
certain voltage during start-up, the IC disables
the switching of both the high-side and low-side
switches until the voltage on the internal soft-start
capacitor exceeds the internal feedback voltage.
Buck Over-Current Protection (OCP)
The MP2496M has a cycle-by-cycle, over-current
limit for when the inductor peak current exceeds
the current limit threshold and FB voltage drops
below the under-voltage (UV) threshold, typically
70% below the reference. Once UV is triggered,
the MP2496M enters hiccup mode to restart the
part periodically. This protection mode is
especially useful when the output is dead-shorted
to ground. The average short-circuit current is
greatly reduced to alleviate thermal issues and
protect the regulator. The MP2496M exits hiccup
mode once the over-current condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com