Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2496M Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2496M
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2496M Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2496M Datasheet HTML 6Page - Monolithic Power Systems MP2496M Datasheet HTML 7Page - Monolithic Power Systems MP2496M Datasheet HTML 8Page - Monolithic Power Systems MP2496M Datasheet HTML 9Page - Monolithic Power Systems MP2496M Datasheet HTML 10Page - Monolithic Power Systems MP2496M Datasheet HTML 11Page - Monolithic Power Systems MP2496M Datasheet HTML 12Page - Monolithic Power Systems MP2496M Datasheet HTML 13Page - Monolithic Power Systems MP2496M Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP2496M – STEP-DOWN CONVERTER WITH SINGLE USB CHARGING PORT
MP2496M Rev.1.0
www.MonolithicPower.com
10
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Σ
Bootstrap
Regulator
HS
Driver
LS
Driver
VCC
Control
Logic
Oscillator
VCC
Regulator
Reference
Line Drop
Compensation
IN
EN
VDROP
VCC
OUT
AGND
BST
Current Sense
Amplifier
Current Limit
Comparator
PWM Comparator
OVP Comparator
Error Amplifier
SW
PGND
Curent
Sense
Charge
Pump
Control
Logic
Thermal
Sense
UVLO
Discharge
USB
Auto
Detect
2.7V
1.2V
DP
DM
NC
FREQ
Rtop
Rbot
Current
Limit
SS
1MΩ
12KΩ
7.6V
Discharge
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com