Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS112C04IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112C04IPWR
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112C04IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS112C04IPWR Datasheet HTML 17Page - Texas Instruments ADS112C04IPWR Datasheet HTML 18Page - Texas Instruments ADS112C04IPWR Datasheet HTML 19Page - Texas Instruments ADS112C04IPWR Datasheet HTML 20Page - Texas Instruments ADS112C04IPWR Datasheet HTML 21Page - Texas Instruments ADS112C04IPWR Datasheet HTML 22Page - Texas Instruments ADS112C04IPWR Datasheet HTML 23Page - Texas Instruments ADS112C04IPWR Datasheet HTML 24Page - Texas Instruments ADS112C04IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Reference
Mux
Precision
Temperature
Sensor
AIN0
AIN1
AIN2
AIN3
AVDD
AVSS
DGND
REFP
REFN
2.048-V
Reference
10 A to
1.5 mA
MUX
DVDD
PGA
16-bit
û ADC
Digital Filter
and
I
2C Interface
Low Drift
Oscillator
ADS112C04
SDA
SCL
A1
A0
RESET
DRDY
21
ADS112C04
www.ti.com
SBAS894 – APRIL 2018
Product Folder Links: ADS112C04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The ADS112C04 is a small, low-power, 16-bit, ΔΣ ADC that offers many integrated features to reduce system
cost and component count in applications measuring small sensor signals.
In addition to the ΔΣ ADC core and single-cycle settling digital filter, the device offers a low-noise, high input
impedance, programmable gain amplifier (PGA), an internal 2.048-V voltage reference, and a clock oscillator.
The device also integrates a highly linear and accurate temperature sensor as well as two matched
programmable current sources (IDACs) for sensor excitation. All of these features are intended to reduce the
required external circuitry in typical sensor applications and improve overall system performance. The device is
fully configured through four registers and controlled by six commands through an I2C-compatible interface. The
Functional Block Diagram section shows the device functional block diagram.
The ADS112C04 ADC measures a differential signal, VIN, which is the difference in voltage between nodes AINP
and AINN. The converter core consists of a differential, switched-capacitor, ΔΣ modulator followed by a digital
filter. The digital filter receives a high-speed bitstream from the modulator and outputs a code proportional to the
input voltage. This architecture results in a very strong attenuation of any common-mode signal.
The device has two available conversion modes: single-shot conversion and continuous conversion mode. In
single-shot conversion mode, the ADC performs one conversion of the input signal upon request and stores the
value in an internal data buffer. The device then enters a low-power state to save power. Single-shot conversion
mode is intended to provide significant power savings in systems that require only periodic conversions, or when
there are long idle periods between conversions. In continuous conversion mode, the ADC automatically begins
a conversion of the input signal as soon as the previous conversion is completed. New data are available at the
programmed data rate. Data can be read at any time without concern of data corruption and always reflect the
most recently completed conversion.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com