Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS112C04IPWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112C04IPWR
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112C04IPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS112C04IPWR Datasheet HTML 35Page - Texas Instruments ADS112C04IPWR Datasheet HTML 36Page - Texas Instruments ADS112C04IPWR Datasheet HTML 37Page - Texas Instruments ADS112C04IPWR Datasheet HTML 38Page - Texas Instruments ADS112C04IPWR Datasheet HTML 39Page - Texas Instruments ADS112C04IPWR Datasheet HTML 40Page - Texas Instruments ADS112C04IPWR Datasheet HTML 41Page - Texas Instruments ADS112C04IPWR Datasheet HTML 42Page - Texas Instruments ADS112C04IPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
S
SLAVE ADDRESS
W
A
WREG
A
REGISTER DATA
P
A
WREG
A
REGISTER DATA
A
‡‡‡
‡‡‡
S
SLAVE ADDRESS
W
A
RREG
A
Sr
SLAVE ADDRESS
R
A
REGISTER DATA
A
P
‡‡‡
‡‡‡
S
SLAVE ADDRESS
W
A
RDATA
A
Sr
SLAVE ADDRESS
R
A
CONVERSION DATA (MSB)
A
P
A
CONVERSION DATA (LSB)
‡‡‡
‡‡‡
39
ADS112C04
www.ti.com
SBAS894 – APRIL 2018
Product Folder Links: ADS112C04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.5.3.5 RDATA (0001 xxxx)
The RDATA command loads the output shift register with the most recent conversion result. Reading conversion
data must be performed as shown in Figure 57 by using two I2C communication frames. The first frame is an I2C
write operation where the R/W bit at the end of the address byte is 0 to indicate a write. In this frame, the host
sends the RDATA command to the ADS112C04. The second frame is an I2C read operation where the R/W bit
at the end of the address byte is 1 to indicate a read. The ADS112C04 reports the latest ADC conversion data in
this second I2C frame. If a conversion finishes in the middle of the RDATA command byte, the state of the DRDY
pin at the end of the read operation signals whether the old or the new result is loaded. If the old result is loaded,
DRDY stays low, indicating that the new result is not read out. The new conversion result loads when DRDY is
high.
Figure 57. Read Conversion Data Sequence
8.5.3.6 RREG (0010 rrxx)
The RREG command reads the value of the register at address rr. Reading a register must be performed as
shown in Figure 58 by using two I2C communication frames. The first frame is an I2C write operation where the
R/W bit at the end of the address byte is 0 to indicate a write. In this frame, the host sends the RREG command
including the register address to the ADS112C04. The second frame is an I2C read operation where the R/W bit
at the end of the address byte is 1 to indicate a read. The ADS112C04 reports the contents of the requested
register in this second I2C frame.
Figure 58. Read Register Sequence
8.5.3.7 WREG (0100 rrxx dddd dddd)
The WREG command writes dddd dddd to the register at address rr. Multiple registers can be written within the
same I2C frame by simply issuing another WREG command without providing a STOP condition following the
previous register write. Figure 59 shows the sequence for writing an arbitrary number of registers. The R/W bit at
the end of the address byte is 0 to indicate a write. The WREG command forces the digital filter to reset and any
ongoing ADC conversion to restart.
Figure 59. Write Register Sequence
8.5.4 Reading Data and Monitoring for New Conversion Results
Conversion data are read by issuing the RDATA command. The ADS112C04 responds to the RDATA command
with the latest conversion result. There are three ways to monitor for new conversion data.
One way is to monitor for the falling edge of the DRDY signal. When DRDY falls low, a new conversion result is
available for retrieval using the RDATA command. Figure 60 illustrates the timing diagram for collecting data
using the DRDY signal to indicate new data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com