Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS112C04IPWR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112C04IPWR
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112C04IPWR Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS112C04IPWR Datasheet HTML 45Page - Texas Instruments ADS112C04IPWR Datasheet HTML 46Page - Texas Instruments ADS112C04IPWR Datasheet HTML 47Page - Texas Instruments ADS112C04IPWR Datasheet HTML 48Page - Texas Instruments ADS112C04IPWR Datasheet HTML 49Page - Texas Instruments ADS112C04IPWR Datasheet HTML 50Page - Texas Instruments ADS112C04IPWR Datasheet HTML 51Page - Texas Instruments ADS112C04IPWR Datasheet HTML 52Page - Texas Instruments ADS112C04IPWR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
49
ADS112C04
www.ti.com
SBAS894 – APRIL 2018
Product Folder Links: ADS112C04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
Many sensor signals are inherently band limited; for example, the output of a thermocouple has a limited rate of
change. In this case the sensor signal does not alias back into the pass band when using a ΔΣ ADC. However,
any noise pick-up along the sensor wiring or the application circuitry can potentially alias into the pass band.
Power-line-cycle frequency and harmonics are one common noise source. External noise can also be generated
from electromagnetic interference (EMI) or radio frequency interference (RFI) sources, such as nearby motors
and cellular phones. Another noise source typically exists on the printed circuit board (PCB) itself in the form of
clocks and other digital signals. Analog input filtering helps remove unwanted signals from affecting the
measurement result.
A first-order resistor-capacitor (RC) filter is (in most cases) sufficient to either totally eliminate aliasing, or to
reduce the effect of aliasing to a level within the noise floor of the sensor. Ideally, any signal beyond fMOD / 2 is
attenuated to a level below the noise floor of the ADC. The digital filter of the ADS112C04 attenuates signals to a
certain degree, as illustrated in the filter response plots in the Digital Filter section. In addition, noise components
are usually smaller in magnitude than the the actual sensor signal. Therefore, using a first-order RC filter with a
cutoff frequency set at the output data rate or 10 times higher is generally a good starting point for a system
design.
Internal to the device, prior to the PGA inputs, is an EMI filter; see Figure 43. The cutoff frequency of this filter is
approximately 31.8 MHz, which helps reject high-frequency interferences.
9.1.5 External Reference and Ratiometric Measurements
The full-scale range (FSR) of the ADS112C04 is defined by the reference voltage and the PGA gain (FSR =
±VREF / Gain). An external reference can be used instead of the integrated 2.048-V reference to adapt the FSR to
the specific system needs. An external reference must be used if VIN is greater than 2.048 V. For example, an
external 5-V reference and an AVDD = 5 V are required in order to measure a single-ended signal that can swing
between 0 V and 5 V.
The reference inputs of the device also allow the implementation of ratiometric measurements. In a ratiometric
measurement the same excitation source that is used to excite the sensor is also used to establish the reference
for the ADC. As an example, a simple form of a ratiometric measurement uses the same current source to excite
both the resistive sensor element (such as an RTD) and another resistive reference element that is in series with
the element being measured. The voltage that develops across the reference element is used as the reference
source for the ADC. These components cancel out in the ADC transfer function because current noise and drift
are common to both the sensor measurement and the reference. The output code is only a ratio of the sensor
element and the value of the reference resistor. The value of the excitation current source itself is not part of the
ADC transfer function.
9.1.6 Establishing Proper Limits on the Absolute Input Voltage
The ADS112C04 can be used to measure various types of input signal configurations: single-ended, pseudo-
differential, and fully differential signals (which can be either unipolar or bipolar). However, configuring the device
properly for the respective signal type is important.
Signals where the negative analog input is fixed and referenced to analog ground (VAINN = 0 V) are commonly
called single-ended signals. If the PGA is disabled and bypassed, the absolute input voltages of the ADS112C04
can be as low as 100 mV below AVSS and as large as 100 mV above AVDD. Therefore, the PGA_BYPASS bit
must be set in order to measure single-ended signals when a unipolar analog supply is used (AVSS = 0 V).
Gains of 1, 2, and 4 are still possible in this configuration. Measuring a 0-mA to 20-mA or 4-mA to 20-mA signal
across a load resistor of 100 Ω referenced to GND is a typical example. The ADS112C04 can directly measure
the signal across the load resistor using a unipolar supply, the internal 2.048-V reference, and gain = 1 when the
PGA is bypassed.
If gains larger than 4 are needed to measure a single-ended signal, the PGA must be enabled. In this case, a
bipolar supply is required for the ADS112C04 to meet the absolute input voltage requirement of the PGA.
Signals where the negative analog input (AINN) is fixed at a voltage other the 0 V are referred to as pseudo-
differential signals.
Fully differential signals in contrast are defined as signals having a constant common-mode voltage where the
positive and negative analog inputs swing 180° out-of-phase but have the same amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com