Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS112C04IPWR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112C04IPWR
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112C04IPWR Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS112C04IPWR Datasheet HTML 40Page - Texas Instruments ADS112C04IPWR Datasheet HTML 41Page - Texas Instruments ADS112C04IPWR Datasheet HTML 42Page - Texas Instruments ADS112C04IPWR Datasheet HTML 43Page - Texas Instruments ADS112C04IPWR Datasheet HTML 44Page - Texas Instruments ADS112C04IPWR Datasheet HTML 45Page - Texas Instruments ADS112C04IPWR Datasheet HTML 46Page - Texas Instruments ADS112C04IPWR Datasheet HTML 47Page - Texas Instruments ADS112C04IPWR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
44
ADS112C04
SBAS894 – APRIL 2018
www.ti.com
Product Folder Links: ADS112C04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6.2.3 Configuration Register 2 (address = 02h) [reset = 00h]
Figure 66. Configuration Register 2
7
6
5
4
3
2
1
0
DRDY
DCNT
CRC[1:0]
BCS
IDAC[2:0]
R-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 22. Configuration Register 2 Field Descriptions
Bit
Field
Type
Reset
Description
7
DRDY
R
0h
Conversion result ready flag.
This bit flags if a new conversion result is ready. This bit is reset when conversion
data are read.
0 : No new conversion result available (default)
1 : New conversion result ready
6
DCNT
R/W
0h
Data counter enable.
The bit enables the conversion data counter.
0 : Conversion counter disabled (default)
1 : Conversion counter enabled
5:4
CRC[1:0]
R/W
0h
Data integrity check enable.
These bits enable and select the data integrity checks.
00 : Disabled (default)
01 : Inverted data output enabled
10 : CRC16 enabled
11 : Reserved
3
BCS
R/W
0h
Burn-out current sources.
This bit controls the 10-µA, burn-out current sources. The burn-out current
sources can be used to detect sensor faults such as wire breaks and shorted
sensors.
0 : Current sources off (default)
1 : Current sources on
2:0
IDAC[2:0]
R/W
0h
IDAC current setting.
These bits set the current for both IDAC1 and IDAC2 excitation current sources.
000 : Off (default)
001 : 10 µA
010 : 50 µA
011 : 100 µA
100 : 250 µA
101 : 500 µA
110 : 1000 µA
111 : 1500 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com