Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS112C04IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112C04IPWR
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112C04IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS112C04IPWR Datasheet HTML 9Page - Texas Instruments ADS112C04IPWR Datasheet HTML 10Page - Texas Instruments ADS112C04IPWR Datasheet HTML 11Page - Texas Instruments ADS112C04IPWR Datasheet HTML 12Page - Texas Instruments ADS112C04IPWR Datasheet HTML 13Page - Texas Instruments ADS112C04IPWR Datasheet HTML 14Page - Texas Instruments ADS112C04IPWR Datasheet HTML 15Page - Texas Instruments ADS112C04IPWR Datasheet HTML 16Page - Texas Instruments ADS112C04IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.03
-0.025
-0.02
-0.015
-0.01
-0.005
0
Gain = 1
Gain = 2
Gain = 4
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.03
-0.025
-0.02
-0.015
-0.01
-0.005
0
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
Gain = 64
Gain = 128
Gain Error (%)
0
50
100
150
200
250
300
Gain Error (%)
0
50
100
150
200
250
300
Gain Error (%)
0
50
100
150
200
250
300
Temperature (qC)
-50
-25
0
25
50
75
100
125
0
4
8
12
16
20
Gain = 1
Gain = 128
13
ADS112C04
www.ti.com
SBAS894 – APRIL 2018
Product Folder Links: ADS112C04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, and AVSS = 0 V using internal VREF = 2.048 V (unless otherwise noted)
PGA enabled
Figure 16. Input Offset Voltage vs Temperature
PGA disabled, gain = 1, 620 samples
Figure 17. Gain Error Histogram
PGA enabled, gain = 1, 620 samples
Figure 18. Gain Error Histogram
PGA enabled, gain = 128, 620 samples
Figure 19. Gain Error Histogram
PGA disabled
Figure 20. Gain Error vs Temperature
PGA enabled
Figure 21. Gain Error vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com