Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 30 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 26Page - Motorola, Inc MPC755 Datasheet HTML 27Page - Motorola, Inc MPC755 Datasheet HTML 28Page - Motorola, Inc MPC755 Datasheet HTML 29Page - Motorola, Inc MPC755 Datasheet HTML 30Page - Motorola, Inc MPC755 Datasheet HTML 31Page - Motorola, Inc MPC755 Datasheet HTML 32Page - Motorola, Inc MPC755 Datasheet HTML 33Page - Motorola, Inc MPC755 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
30
Freescale Semiconductor
Pinout Listings
L2ZZ
G17
High
Output
L2OVDD
LSSD_MODE
F9
Low
Input
2
MCP
B11
Low
Input
OVDD
NC (No Connect)
B3, B4, B5, W19, K9, K11 4, K19 4
——
OVDD
D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5,
R4, R6, R9, R11, T5, T8, T12
——
OVDD
PLL_CFG[0:3]
A4, A5, A6, A7
High
Input
OVDD
QACK
B2
Low
Input
OVDD
QREQ
J3
Low
Output
OVDD
RSRV
D3
Low
Output
OVDD
SMI
A12
Low
Input
OVDD
SRESET
E10
Low
Input
OVDD
SYSCLK
H9
Input
OVDD
TA
F1
Low
Input
OVDD
TBEN
A2
High
Input
OVDD
TBST
A11
Low
I/O
OVDD
TCK
B10
High
Input
OVDD
TDI
B7
High
Input
OVDD
6
TDO
D9
High
Output
OVdd
TEA
J1
Low
Input
OVDD
TLBISYNC
A3
Low
Input
OVDD
TMS
C8
High
Input
OVDD
6
TRST
A10
Low
Input
OVDD
6
TS
K7
Low
I/O
OVDD
TSIZ[0:2]
A9, B9, C9
High
Output
OVDD
TT[0:4]
C10, D11, B12, C12, F11
High
I/O
OVDD
WT
C3
Low
Output
OVDD
VDD
G8, G10, G12, J8, J10, J12, L8, L10, L12, N8, N10, N12
2.0 V
Table 15. Pinout Listing for the MPC755, 360 BGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com