Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 40 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 40 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 36Page - Motorola, Inc MPC755 Datasheet HTML 37Page - Motorola, Inc MPC755 Datasheet HTML 38Page - Motorola, Inc MPC755 Datasheet HTML 39Page - Motorola, Inc MPC755 Datasheet HTML 40Page - Motorola, Inc MPC755 Datasheet HTML 41Page - Motorola, Inc MPC755 Datasheet HTML 42Page - Motorola, Inc MPC755 Datasheet HTML 43Page - Motorola, Inc MPC755 Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
40
Freescale Semiconductor
System Design Information
RN then becomes the resistance of the pull-down devices. When data is held high, SW1 is closed (SW2 is open), and
RP is trimmed until the voltage at the pad equals (L2)OVDD/2. RP then becomes the resistance of the pull-up devices.
Figure 22 describes the driver impedance measurement circuit described above.
Figure 22. Driver Impedance Measurement Circuit
Alternately, the following is another method to determine the output impedance of the MPC755. A voltage source,
Vforce, is connected to the output of the MPC755 as shown in Figure 23. Data is held low, the voltage source is set
to a value that is equal to (L2)OVDD/2 and the current sourced by Vforce is measured. The voltage drop across the
pull-down device, which is equal to (L2)OVDD/2, is divided by the measured current to determine the output
impedance of the pull-down device, RN. Similarly, the impedance of the pull-up device is determined by dividing
the voltage drop of the pull-up, (L2)OVDD/2, by the current sank by the pull-up when the data is high and Vforce is
equal to (L2)OVDD/2. This method can be employed with either empirical data from a test setup or with data from
simulation models, such as IBIS.
RP and RN are designed to be close to each other in value. Then Z0 = (RP + RN)/2.
(L2)OVDD
OGND
RP
RN
Pad
Data
SW1
SW2
(L2)OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com