Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 15 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 11Page - Motorola, Inc MPC755 Datasheet HTML 12Page - Motorola, Inc MPC755 Datasheet HTML 13Page - Motorola, Inc MPC755 Datasheet HTML 14Page - Motorola, Inc MPC755 Datasheet HTML 15Page - Motorola, Inc MPC755 Datasheet HTML 16Page - Motorola, Inc MPC755 Datasheet HTML 17Page - Motorola, Inc MPC755 Datasheet HTML 18Page - Motorola, Inc MPC755 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
15
Electrical and Thermal Characteristics
Figure 4 provides the mode select input timing diagram for the MPC755.
Figure 4. Mode Input Timing Diagram
Figure 5 provides the AC test load for the MPC755.
Figure 5. AC Test Load
Table 10. Processor Bus AC Timing Specifications 1
At recommended operating conditions (see Table 3)
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
Setup times: All inputs
tIVKH
2.5
—
ns
Input hold times: TLBISYNC, MCP, SMI
tIXKH
0.6
—
ns
6
Input hold times: All inputs, except TLBISYNC, MCP, SMI
tIXKH
0.2
—
ns
6
Valid times: All outputs
tKHOV
—4.1
ns
Output hold times: All outputs
tKHOX
1.0
—
ns
SYSCLK to output enable
tKHOE
0.5
—
ns
2
SYSCLK to output high impedance (all except ABB, ARTRY, DBB)tKHOZ
—6.0
ns
2
SYSCLK to ABB, DBB high impedance after precharge
tKHABPZ
—1.0
tsysclk
2, 3, 4
Maximum delay to ARTRY precharge
tKHARP
—1
tsysclk
2, 3, 5
HRESET
Mode Signals
tMVRH
tMXRH
VM = Midpoint Voltage (OVDD/2)
VM
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com