Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 36 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 36 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 32Page - Motorola, Inc MPC755 Datasheet HTML 33Page - Motorola, Inc MPC755 Datasheet HTML 34Page - Motorola, Inc MPC755 Datasheet HTML 35Page - Motorola, Inc MPC755 Datasheet HTML 36Page - Motorola, Inc MPC755 Datasheet HTML 37Page - Motorola, Inc MPC755 Datasheet HTML 38Page - Motorola, Inc MPC755 Datasheet HTML 39Page - Motorola, Inc MPC755 Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
36
Freescale Semiconductor
System Design Information
7.6 Mechanical Dimensions for the MPC755
Figure 20 provides the mechanical dimensions and bottom surface nomenclature for the MPC755, 360 PBGA
package.
Figure 20. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC755,
360 PBGA Package
8 System Design Information
This section provides electrical and thermal design recommendations for successful application of the MPC755.
8.1 PLL Configuration
The MPC755 PLL is configured by the PLL_CFG[0:3] signals. For a given SYSCLK (bus) frequency, the PLL
configuration signals set the internal CPU and VCO frequency of operation. These must be chosen such that they
comply with Table 8. Table 16 shows the valid configurations of these signals and an example illustrating the core
and VCO frequencies resulting from various PLL configurations and example bus frequencies. In this example,
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A METALIZED
FEATURE WITH VARIOUS SHAPES. BOTTOM
SIDE A1 CORNER IS DESIGNATED WITH A BALL
MISSING FROM THE ARRAY.
0.2
B
C
360X
D
2X
A1 CORNER
E
e
0.2
2X
B
A
123456789 10 11 12 13 14 15 16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
b
C
0.2 C
17 18 19
U
W
V
Millimeters
DIM
Min
Max
A
2.22
2.77
A1
0.50
0.70
A2
1.00
1.20
A3
—
0.60
b
0.60
0.90
D
25.00 BSC
D1
6.75
E
25.00 BSC
E1
7.87
e
1.27 BSC
E1
D1
A
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com