Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3956 Datasheet(PDF) 77 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 77 Page - ams AG

Back Button AS3956 Datasheet HTML 73Page - ams AG AS3956 Datasheet HTML 74Page - ams AG AS3956 Datasheet HTML 75Page - ams AG AS3956 Datasheet HTML 76Page - ams AG AS3956 Datasheet HTML 77Page - ams AG AS3956 Datasheet HTML 78Page - ams AG AS3956 Datasheet HTML 79Page - ams AG AS3956 Datasheet HTML 80Page - ams AG AS3956 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 109 page
background image
ams Datasheet
Page 77
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Direct Command Mode
Direct Command Mode is comprised of one command byte and
argument byte. The two msb’s of command code 11b indicate
Direct Command Mode. The following six bits define command
code, sent MSB first. Last two bits in argument byte indicate
success of the direct command. Value 01h of the argument byte
indicates that command was accepted, while 02h indicates it
was rejected due to internal access priorities. The argument
byte does not provide information on timing of the command
execution.
Figure 81:
Sending a Direct Command over I²C
A
6
A
5
A
4
A
3
A
2
A
1
A
0
C
5
C
4
C
3
C
2
C
1
A
C
K
P
S
Slave address
A
6
A
5
A
4
A
3
A
2
A
1
C
0
A
C
K
A
1
1
Direct command
SCL
SDA
A
C
K
00
0
0
0
0
xx
Argument byte
N
A
K
S
Slave address
C
7
C
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com