Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3956 Datasheet(PDF) 80 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 80 Page - ams AG

Back Button AS3956 Datasheet HTML 76Page - ams AG AS3956 Datasheet HTML 77Page - ams AG AS3956 Datasheet HTML 78Page - ams AG AS3956 Datasheet HTML 79Page - ams AG AS3956 Datasheet HTML 80Page - ams AG AS3956 Datasheet HTML 81Page - ams AG AS3956 Datasheet HTML 82Page - ams AG AS3956 Datasheet HTML 83Page - ams AG AS3956 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
Page 80
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
Buffer Interrupts and Buffer Status Register
The AS3956 contains a 32 byte buffer. In case of transmission
the Control logic shifts data which was previously loaded by the
external controller to the Framing Block and further to the
Transmitter. During reception, the demodulated data is stored
in the buffer and the external controller can download received
data.
Transmit and receive capability of the AS3956 is limited by the
buffer size. The maximum message size that can be received or
transmitted is 32 bytes. The mutual access to the buffer from
NFC block and SPI / I²C block is not allowed. At the beginning
of each reception the buffer is cleared automatically. Before the
data is loaded into the buffer via SPI / I²C for transmission the
MCU must take care of clearing the buffer.
Five interrupts that can be triggered during read or write of the
buffer:
• When buffer overflow or underflow is detected an
I_bf_err is triggered. The reason for the interrupt can be
distinguished by reading the Buffer Status Register 1.
• Buffer overflow IRQ is not blocked, in case if more than 32
bytes are received from reader or written via SPI / I²C into
buffer the buffer underflow IRQ is produced.
• When data is loaded via data RF an I_rxs and I_rxe are
triggered
• When all data is transmitted an I_txe is triggered
• When buffer is already busy due to another operation in
progress and MCU tries to access the internal buffer an
interrupt I_acc_err shall be triggered.
After data is received, the microcontroller shall check the
amount of bytes actually received. This information is available
in the Buffer Status Register 2, which displays number of bytes
in the buffer not yet read out. Buffer Status Register 1
additionally contains a flag indicating buffer overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com