Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3956 Datasheet(PDF) 78 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 78 Page - ams AG

Back Button AS3956 Datasheet HTML 74Page - ams AG AS3956 Datasheet HTML 75Page - ams AG AS3956 Datasheet HTML 76Page - ams AG AS3956 Datasheet HTML 77Page - ams AG AS3956 Datasheet HTML 78Page - ams AG AS3956 Datasheet HTML 79Page - ams AG AS3956 Datasheet HTML 80Page - ams AG AS3956 Datasheet HTML 81Page - ams AG AS3956 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
Page 78
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
I²C Electrical Connection
The I²C bus can operate from a minimum of 100kHz up to 1MHz
SCL clock speed. The I²C bus needs pull-up resistors on SDA and
SCL lines in order to operate properly. AS3956 has internal
pull-up resistors that can be used instead of external pull-ups.
The intention of internal pull-up resistors is to simplify the
design of the PCB and to decrease the number of necessary
components on a PCB.
The configuration of the internal pull-up resistors is stored in
configuration word 1 (FAB_CFG2, bit 5) in EEPROM. This setting
can be set only during the production. If this bit is not set, the
internal pull-up resistors are disabled.
Note the SPI pull-down configuration bit miso_pd1 in
FAB_CFG2 must also be set to 0.
Figure 82:
I²C Interface with Built-In Pull-Up Resistors
Internal pull-up resistors are enabled only if proper
configuration is written in the internal EEPROM configuration
word. The configuration is read during the initialization of the
chip when the interface and other configurations are set.
Note the pull-up resistors are applied to the SDA and SCL lines
during chip initialization until the /SS line is taken low. After /SS
is taken low, bit b5 of FAB_CFG2 determines whether the
pull-up resistor are connected or not.
RP=3kΩ
RP=3kΩ
VP_IO
SDA
SCL
AS3956
VSS
Pull-up
enable
Data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com