| Electronic Components Datasheet Search |
|
AS3956 Datasheet(PDF) 23 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 Datasheet(HTML) 23 Page - ams AG |
|
23 / 109 page ![]() ams Datasheet Page 23 [v1-10] 2018-Apr-27 Document Feedback AS3956 − Detailed Description SLEEP State Together with SENSE state, SLEEP state is the other waiting state for AS3956. SLEEP state can be entered upon reception of a SLP_ REQ command. The distinction between SENSE and SLEEP state is made necessary to discriminate selected and not yet selected tags. AS3956 can only exit this state upon reception of an ALL_REQ command. Any other command received in this state is interpreted as an error and AS3956 state remains unchanged. RESOLUTION State In RESOLUTION state, the NFC device is resolving the tag UID. Since AS3956 has a double size UID, the RESOLUTION state actually comprises of two sub-states, where the anti-collision procedure is carried out in Cascade Level 1 and 2. Please refer to [ISO18092] for further information. SELECTED State All memory operations are operated in SELECTED state. Upon reception of a SLP_REQ command, SELECTED state is exited and AS3956 transits to SLEEP state. Any other command received when the device is in this state is interpreted as an error. Depending on its previous state, AS3956 returns to either SENSE or SLEEP state. Upon reception of a SECTOR SELECT command, AS3956 returns a NAK and transits to SENSE or SLEEP state, depending on its previous state. AS3956 transits to the AUTHENTICATED state after successful password verification, using a standard WRITE command to a dedicated memory address (see Authentication Password). The number of permitted failed authentications is set to 7, after which AS3956 transits to LOCKED sub-state (not shown in the picture). When LOCKED state is entered, only the MCU can bring AS3956 back to SENSE state by resetting the authentication counter (Configuration Byte AUTH_CNT) back to 0 and issue a Set Default, or Go To Sense, or Go To Sleep command. When in LOCKED sub-state, all memory operations are only allowed in the memory area not password protected, as defined by the configuration byte Configuration Byte AUTH_LIM. Upon reception of a SLP_REQ command, SELECTED state is exited and AS3956 transits to SLEEP state. Any other command received when the device is in this state is interpreted as an error and, depending on its previous state, AS3956 returns to either SENSE or SLEEP state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |