Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3956 Datasheet(PDF) 21 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 21 Page - ams AG

Back Button AS3956 Datasheet HTML 17Page - ams AG AS3956 Datasheet HTML 18Page - ams AG AS3956 Datasheet HTML 19Page - ams AG AS3956 Datasheet HTML 20Page - ams AG AS3956 Datasheet HTML 21Page - ams AG AS3956 Datasheet HTML 22Page - ams AG AS3956 Datasheet HTML 23Page - ams AG AS3956 Datasheet HTML 24Page - ams AG AS3956 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
ams Datasheet
Page 21
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Chip Kill
Some applications require that the RF link is active only under
certain conditions, e.g. during device configuration only in a
controlled environment like a production facility.
AS3956 can be configured by the MCU in order to restrict the
NFC device access to the system. By setting the Configuration
Byte CHIP_KILL in EEPROM, the MCU can disable access to
SPI / I²C from the RF link (i.e. Tunneling and Extended mode are
permanently disabled), or even disable RF communication
completely. In the latter case, AS3956 will not respond to
incoming RF commands.
This configuration can be modified only by the MCU through
SPI / I²C interfaces.
NFC Tag Functionality
Communication Principle
AS3956 autonomously executes complete NFC-A anti-collision
communication sequence, during which the 7-byte UID is used
([NFC Analog] [NFC Digital]). After anti-collision, the NFC tag is
brought into SELECTED state where read and write commands
can be processed. The NFC tag will accept only read and write
command issued to the address space actually available in
AS3956 EEPROM. Any attempt to access an address outside the
internal memory address space will be rejected. This default
behavior of the NFC tag can be modified by enabling Tunneling
or Extended mode.
A simplified AS3956 state diagram is shown in Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com