Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3956 Datasheet(PDF) 41 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 41 Page - ams AG

Back Button AS3956 Datasheet HTML 37Page - ams AG AS3956 Datasheet HTML 38Page - ams AG AS3956 Datasheet HTML 39Page - ams AG AS3956 Datasheet HTML 40Page - ams AG AS3956 Datasheet HTML 41Page - ams AG AS3956 Datasheet HTML 42Page - ams AG AS3956 Datasheet HTML 43Page - ams AG AS3956 Datasheet HTML 44Page - ams AG AS3956 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 109 page
background image
ams Datasheet
Page 41
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Configuration Byte IC_CFG0
Figure 41:
Configuration Byte IC_CFG0
Note(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en
is set to 1. Bit arbit_mod can be modified after initialization over SPI / I²C.
Bit slnt_mod enables Silent mode. In this mode, the supply pin
VP_IO is being observed. If voltage is below the level defined
in slnt_vl<2:0>, then Silent mode is activated. This means that
RF part of the IC is turned off and stops being responsive to
incoming RF commands.
Voltage threshold settings on VP_IO are shown in Figure 42.
Figure 42:
Silent Mode Threshold Voltage Levels
Conf. Bit
Name
Default
Function
Note
b7
slnt_mod
0
1: Enable silent mode
b6
slnt_vl<2>
0
Silent mode voltage level (see Silent Mode)
b5
slnt_vl<1>
0
b4
slnt_vl<0>
0
b3
arbit_mod
0
b2
i2c_addr3<2>
0
I²C slave address
b1
i2c_addr2<1>
0
b0
i2c_addr1<0>
0
slnt_vl<2:0>
Typ. Voltage Threshold
[V]
000b
1.42
001b
1.62
010b
1.82
011b
2.23
100b
2.53
101b
2.74
110b
3.04
111b
3.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com