Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD8513 Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 44Page - Infineon Technologies AG AMD8513 Datasheet HTML 45Page - Infineon Technologies AG AMD8513 Datasheet HTML 46Page - Infineon Technologies AG AMD8513 Datasheet HTML 47Page - Infineon Technologies AG AMD8513 Datasheet HTML 48Page - Infineon Technologies AG AMD8513 Datasheet HTML 49Page - Infineon Technologies AG AMD8513 Datasheet HTML 50Page - Infineon Technologies AG AMD8513 Datasheet HTML 51Page - Infineon Technologies AG AMD8513 Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
ADM8513
Data Sheet
Registers Description
Data Sheet
48
Rev. 1.21, 2005-12-05
TS1
Offset
Reset Value
Transmit Status 1
2BH
00H
Field
Bits
Type
Description
TXUE
7
r
TX Underrun Error
Set by HW to indicate tx underrun error.
Clear by SW read this register or after EP3 is accessed.
EC
6
r
Excessive Collision
Set by HW to indicate excessive collision.
Clear by SW read this register or after EP3 is accessed.
LC
5
r
Late Collision Error
Set by HW to indicate late collision error.
Clear this register by SW Read or after EP3 is accessed.
NC
4
r
No Carrier
Set by HW to indicate no carrier.
Clear this register by SW Read or after EP3 is accessed.
CL
3
r
Carrier Loss
Set by HW to indicate carrier loss.
Clear this register by SW Read or after EP3 is accessed.
JTO
2
r
Jabber Time Out
Set by HW to indicate jabber time out.
Clear this register by SW Read or after EP3 is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com