Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD8513 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 80Page - Infineon Technologies AG AMD8513 Datasheet HTML 81Page - Infineon Technologies AG AMD8513 Datasheet HTML 82Page - Infineon Technologies AG AMD8513 Datasheet HTML 83Page - Infineon Technologies AG AMD8513 Datasheet HTML 84Page - Infineon Technologies AG AMD8513 Datasheet HTML 85Page - Infineon Technologies AG AMD8513 Datasheet HTML 86Page - Infineon Technologies AG AMD8513 Datasheet HTML 87Page - Infineon Technologies AG AMD8513 Datasheet HTML 88Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
Data Sheet
85
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Appendix Layout Guide
Trace routing
•
Keep USB differential pair data signal D+ and D-:
– Trace width should be as wide as possible.
– Make D+ and D- traces route at the same signal plane and not pass through the other plane.
– Inhibit crossover on D+ and D-
– The termination resistance (R2,R3) and decoupling capacitors (C1,C2) should be closed to ADM8513/X.
– D+ and D- Signal trace length should be equal and as short as possible.
•
Arrangement Tx and Rx trace
– Tx+/- and Rx+/- trace avoid right angle and round angle >90 degree, suggested.
– Trace width must be wide and should be wider than 8 mils.
– Signal trace length between Tx+/- differential pairs should be crossed and have equal length.The total length
should be no longer than 2 cm. The same requirement applies to Rx+/- also.
– Make Tx and Rx trace route at the same signal plane and not pass through the other plane.
– Every differential pairs as cross as possible, but no less than 8 mils and space should be almost equal.
– Keep space large between Tx and Rx differential pairs, even separated ground planes underneath Tx and
Rx signal pairs.
– Away from clock and power traces.
– If Tx routed trace must cross, the trace can be swapped between chip and transformer, and transformer to
RJ45,too.
Figure 9
Trace Routing 1
Figure 10
Trace Routing 2
•
Digital signal should be away from analog signal and Vcc traces. If you can't avoid this situation, analog signal
or Vcc trace should cross over 90 degree at other plane.
Bad
Good



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com