Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD8513 Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 79Page - Infineon Technologies AG AMD8513 Datasheet HTML 80Page - Infineon Technologies AG AMD8513 Datasheet HTML 81Page - Infineon Technologies AG AMD8513 Datasheet HTML 82Page - Infineon Technologies AG AMD8513 Datasheet HTML 83Page - Infineon Technologies AG AMD8513 Datasheet HTML 84Page - Infineon Technologies AG AMD8513 Datasheet HTML 85Page - Infineon Technologies AG AMD8513 Datasheet HTML 86Page - Infineon Technologies AG AMD8513 Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
Data Sheet
83
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Package
e
0.50 BSC.
0.020 BSC.
D2
5.50
0.217
E2
5.50
0.217
Tolerance of Form and Position
aaa
0.20
0.008
bbb
0.20
0.008
ccc
0.08
0.003
ddd
0.08
0.003
Table 84
Dimensions for 48 Pin LQFP Package (cont’d)
Symbol
Millimeter (mm)
Inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com