Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD8513 Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 77Page - Infineon Technologies AG AMD8513 Datasheet HTML 78Page - Infineon Technologies AG AMD8513 Datasheet HTML 79Page - Infineon Technologies AG AMD8513 Datasheet HTML 80Page - Infineon Technologies AG AMD8513 Datasheet HTML 81Page - Infineon Technologies AG AMD8513 Datasheet HTML 82Page - Infineon Technologies AG AMD8513 Datasheet HTML 83Page - Infineon Technologies AG AMD8513 Datasheet HTML 84Page - Infineon Technologies AG AMD8513 Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
Data Sheet
81
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Package
Note: This diagram has a 32pin. But, the relative parameters presents 48pin package data. So, please ignore the
pin number and regard the diagram as 48pin. Make an example: Parameter “E” (9mm) means the distance
between the two opposite sides. Parameter "e" (0.8mm) means the distance between two adjacent pins.
D&E1 means body size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com