Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD8513 Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 61Page - Infineon Technologies AG AMD8513 Datasheet HTML 62Page - Infineon Technologies AG AMD8513 Datasheet HTML 63Page - Infineon Technologies AG AMD8513 Datasheet HTML 64Page - Infineon Technologies AG AMD8513 Datasheet HTML 65Page - Infineon Technologies AG AMD8513 Datasheet HTML 66Page - Infineon Technologies AG AMD8513 Datasheet HTML 67Page - Infineon Technologies AG AMD8513 Datasheet HTML 68Page - Infineon Technologies AG AMD8513 Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
Data Sheet
65
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Registers Description
The register is addressed wordwise.
ANLPA
Auto-Negotiation Link Partner Ability
5H
72
ANE
Auto-Negotiation Expansion
6H
72
Table 73
Register Access Types
Mode
Symbol Description HW
Description SW
read/write
rw
Register is used as input for the HW
Register is readable and writable by SW
read
r
Register is written by HW (register
between input and output -> one cycle
delay)
Value written by software is ignored by
hardware; that is, software may write any
value to this field without affecting hardware
behavior (= Target for development.)
Read only
ro
Register is set by HW (register between
input and output -> one cycle delay)
SW can only read this register
Read virtual
rv
Physically, there is no new register, the
input of the signal is connected directly
to the address multiplexer.
SW can only read this register
Latch high,
self clearing
lhsc
Latch high signal at high level, clear on
read
SW can read the register
Latch low,
self clearing
llsc
Latch high signal at low-level, clear on
read
SW can read the register
Latch high,
mask clearing
lhmk
Latch high signal at high level, register
cleared with written mask
SW can read the register, with write mask
the register can be cleared (1 clears)
Latch low,
mask clearing
llmk
Latch high signal at low-level, register
cleared on read
SW can read the register, with write mask
the register can be cleared (1 clears)
Interrupt high,
self clearing
ihsc
Differentiate the input signal (low-
>high) register cleared on read
SW can read the register
Interrupt low,
self clearing
ilsc
Differentiate the input signal (high-
>low) register cleared on read
SW can read the register
Interrupt high,
mask clearing
ihmk
Differentiate the input signal (high-
>low) register cleared with written mask
SW can read the register, with write mask
the register can be cleared
Interrupt low,
mask clearing
ilmk
Differentiate the input signal (low-
>high) register cleared with written
mask
SW can read the register, with write mask
the register can be cleared
Interrupt enable
register
ien
Enables the interrupt source for
interrupt generation
SW can read and write this register
latch_on_reset
lor
rw register, value is latched after first
clock cycle after reset
Register is readable and writable by SW
Read/write
self clearing
rwsc
Register is used as input for the hw, the
register will be cleared due to a HW
mechanism.
Writing to the register generates a strobe
signal for the HW (1 pdi clock cycle)
Register is readable and writable by SW.
Table 72
Registers Overview (cont’d)
Register Short Name
Register Long Name
Offset Address
Page Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com