Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD8513 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 8Page - Infineon Technologies AG AMD8513 Datasheet HTML 9Page - Infineon Technologies AG AMD8513 Datasheet HTML 10Page - Infineon Technologies AG AMD8513 Datasheet HTML 11Page - Infineon Technologies AG AMD8513 Datasheet HTML 12Page - Infineon Technologies AG AMD8513 Datasheet HTML 13Page - Infineon Technologies AG AMD8513 Datasheet HTML 14Page - Infineon Technologies AG AMD8513 Datasheet HTML 15Page - Infineon Technologies AG AMD8513 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
ADM8513
Data Sheet
Interface Description
Data Sheet
12
Rev. 1.21, 2005-12-05
2.2.1
Host Interface
2.2.2
Physical Interface
NU
Not Usable (JEDEC Standard)
NC
Not Connected (JEDEC Standard)
Table 2
Abbreviations for Buffer Type
Abbreviations
Description
Z
High impedance
PU1
Pull up, 10 k
Ω
PD1
Pull down, 10 k
Ω
PD2
Pull down, 20 k
Ω
TS
Tristate capability: The corresponding pin has 3 operational states: Low, high and high-
impedance.
OD
Open Drain. The corresponding pin has 2 operational states, active low and tristate, and
allows multiple devices to share as a wire-OR. An external pull-up is required to sustain the
inactive state until another agent drives it, and must be provided by the central resource.
OC
Open Collector
PP
Push-Pull. The corresponding pin has 2 operational states: Active-low and active-high
(identical to output with no type attribute).
OD/PP
Open-Drain or Push-Pull. The corresponding pin can be configured either as an output with
the OD attribute or as an output with the PP attribute.
ST
Schmitt-Trigger characteristics
TTL
TTL characteristics
Table 3
Host Interface
Pin or Ball
No.
Name
Pin
Type
Buffer
Type
Function
16
CLK48_I
I
Input Clock
48 MHz clock input from crystal or oscillator.
15
CLK48_O
O
Output for Crystal
14
RST#
I
External Hardware Reset Input
Schmitt-trigger, internal pull high.
20
DM
I/O
USB Data Minus pin
19
DP
I/O
USB Data Plus Pin
Table 1
Abbreviations for Pin Type (cont’d)
Abbreviations
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com