Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD8513 Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 65Page - Infineon Technologies AG AMD8513 Datasheet HTML 66Page - Infineon Technologies AG AMD8513 Datasheet HTML 67Page - Infineon Technologies AG AMD8513 Datasheet HTML 68Page - Infineon Technologies AG AMD8513 Datasheet HTML 69Page - Infineon Technologies AG AMD8513 Datasheet HTML 70Page - Infineon Technologies AG AMD8513 Datasheet HTML 71Page - Infineon Technologies AG AMD8513 Datasheet HTML 72Page - Infineon Technologies AG AMD8513 Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
Data Sheet
69
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Registers Description
Note: Jabber Detect Only used in 10Base-T mode. Read as 0 in 100Base-TX mode.
PHY Identifier 2 and 3
Each PHY has an identifier, which is assigned to the device.
The identifier contains a total of 32 bits, which consists of the following: 22 bits of a 24 bit organizationally unique
identifier (OUI) for the manufacturer; a 6-bit manufacturer’s model number; a 4-bit manufacturer’s revision number.
For an explanation of how the OUI maps to the register, please refer to IEEE 802-1990 clause 5.1
10HD
11
ro
10 Mbit/s Half Duplex
0B
10HDN, PHY is not 10 Mbit/s Half duplex capable
1B
10HD, PHY is 10 Mbit/s Half duplex capable
100TFD
10
ro
100BASE-T2 Full Duplex
Not Supported
100THD
9
ro
100BASE-T2 Half Duplex
Not Supported
MFPS
6
ro
MF Preamble Suppression
0B
MFPSN, PHY cannot accept management frames with preamble
suppression
1B
MFPS, PHY can accept management frames with preamble
suppression
ANC
5
ro
Auto-neg Complete
0B
ANI, Auto-neg incomplete
1B
ANC, Auto-neg completed
RF
4
ro, lh
Remote Fault
0B
RFN, No remote fault detected
1B
RF, Remote fault detected
ANA
3
ro
Auto-neg Ability
0B
ANN, PHY cannot auto-negotiate
1B
AN, PHY can auto-negotiate
LS
2
ro, ll
Link Status
0B
LD, Link is down
1B
LU, Link is up
JD
1
ro, lh
Jabber Detect
1B
JCD, Jabber condition detected
EC
0
ro
Extended Capability
0B
BSC, Basic register set capabilities only
1B
EC, Extended register capabilities
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com