Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572LP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 16Page - Texas Instruments LMX2572LP Datasheet HTML 17Page - Texas Instruments LMX2572LP Datasheet HTML 18Page - Texas Instruments LMX2572LP Datasheet HTML 19Page - Texas Instruments LMX2572LP Datasheet HTML 20Page - Texas Instruments LMX2572LP Datasheet HTML 21Page - Texas Instruments LMX2572LP Datasheet HTML 22Page - Texas Instruments LMX2572LP Datasheet HTML 23Page - Texas Instruments LMX2572LP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
20
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Register Maps
REG.
DATA[15:0]
POR
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R0
RAMP_EN
VCO_PHASE_
SYNC_EN
1
0
ADD_HOLD
0
OUT_MUTE
FCAL_HPFD_ADJ
FCAL_LPFD_ADJ
1
FCAL_EN
MUXOUT_
LD_SEL
RESET
POWER
DOWN
00221Ch
R1
0
0
0
0
1
0
0
0
0
0
0
0
1
CAL_CLK_DIV
010808h
R2
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
0
020500h
R3
0
0
0
0
0
1
1
1
1
0
0
0
0
0
1
0
030782h
R4
0
0
0
0
1
0
1
0
0
1
0
0
0
0
1
1
040A43h
R5
0
0
1
IPBUF_
TYPE
IPBUF_
TERM
0
0
0
1
1
0
0
1
0
0
0
0530C8h
R6
LDO_DLY
0
0
0
0
0
0
0
0
0
1
0
06C802h
R7
0
OUT_
FORCE
0
0
0
0
0
0
1
0
1
1
0
0
1
0
0700B2h
R8
0
VCO_
DACISET_
FORCE
1
0
VCO_
CAPCTRL_
FORCE
0
0
0
0
0
0
0
0
0
0
0
082000h
R9
0
MULT_HI
0
OSC_2X
0
0
0
0
0
0
0
0
0
1
0
0
090004h
R10
0
0
0
1
MULT
1
1
1
1
0
0
0
0A10F8h
R11
1
0
1
1
PLL_R
1
0
0
0
0BB018h
R12
0
1
0
1
PLL_R_PRE
0C5001h
R13
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0D4000h
R14
0
0
0
1
1
0
0
0
0
CPG
0
0
0
0E1840h
R15
0
0
0
0
0
1
1
0
0
0
0
0
1
1
1
0
0F060Eh
R16
0
0
0
0
0
0
0
VCO_DACISET
100080h
R17
0
0
0
0
0
0
0
VCO_DACISET_STRT
110096h
R18
0
0
0
0
0
0
0
0
0
1
1
0
0
1
0
0
120064h
R19
0
0
1
0
0
1
1
1
VCO_CAPCTRL
1327B7h
R20
0
1
VCO_SEL
VCO_SEL_
FORCE
0
0
0
1
0
0
1
0
0
0
143048h
R21
0
0
0
0
0
1
0
0
0
0
0
0
1
0
0
1
150409h
R22
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
160001h
R23
0
0
0
0
0
0
0
0
0
1
1
1
1
1
0
0
17007Ch
R24
0
0
0
0
0
1
1
1
0
0
0
1
1
0
1
0
18071Ah
R25
0
0
0
0
0
1
1
0
0
0
1
0
0
1
0
0
190624h
R26
0
0
0
0
1
0
0
0
0
0
0
0
1
0
0
0
1A0808h
R27
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1B0002h
R28
0
0
0
0
0
1
0
0
1
0
0
0
1
0
0
0
1C0488h
R29
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1D18C6h
R30
0
0
0
0
1
1
0
0
1
0
1
0
0
1
1
0
1E18C6h
R31
1
1
0
0
0
0
1
1
1
1
1
0
0
1
1
0
1FC3E6h
R32
0
0
0
0
0
1
0
1
1
0
1
1
1
1
1
1
2005BFh
R33
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
1
211E01h
R34
0
0
0
0
0
0
0
0
0
0
0
1
0
PLL_N[18:16]
220010h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com