Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572LP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 35Page - Texas Instruments LMX2572LP Datasheet HTML 36Page - Texas Instruments LMX2572LP Datasheet HTML 37Page - Texas Instruments LMX2572LP Datasheet HTML 38Page - Texas Instruments LMX2572LP Datasheet HTML 39Page - Texas Instruments LMX2572LP Datasheet HTML 40Page - Texas Instruments LMX2572LP Datasheet HTML 41Page - Texas Instruments LMX2572LP Datasheet HTML 42Page - Texas Instruments LMX2572LP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
39
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.54 Register R53 (offset = 35h) [reset = 0000h]
Figure 81. Register R53
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 60. Register R53 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.55 Register R54 (offset = 36h) [reset = 0000h]
Figure 82. Register R54
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 61. Register R54 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.56 Register R55 (offset = 37h) [reset = 0000h]
Figure 83. Register R55
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 62. Register R55 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.57 Register R56 (offset = 38h) [reset = 0000h]
Figure 84. Register R56
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 63. Register R56 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.58 Register R57 (offset = 39h) [reset = 0000h]
Figure 85. Register R57
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com