Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572LP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 9Page - Texas Instruments LMX2572LP Datasheet HTML 10Page - Texas Instruments LMX2572LP Datasheet HTML 11Page - Texas Instruments LMX2572LP Datasheet HTML 12Page - Texas Instruments LMX2572LP Datasheet HTML 13Page - Texas Instruments LMX2572LP Datasheet HTML 14Page - Texas Instruments LMX2572LP Datasheet HTML 15Page - Texas Instruments LMX2572LP Datasheet HTML 16Page - Texas Instruments LMX2572LP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Pre-R
Divider
Multiplier
Post-R
Divider
OSCin
Phase
Frequency
Detector
Doubler
13
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 21. Reference Path
The Doubler allows one to double the input reference frequency up to 250 MHz. The Doubler adds minimal noise
and is useful for raising the phase detector frequency for better phase noise. The Doubler can also be used to
avoid spurs. The Doubler uses both the rising and falling edges of the input signal, so the input signal must have
50% duty cycle if the Doubler is enabled. Note that the Multiplier cannot be used if the Doubler is engaged.
The Pre-R divider can help reduce input frequency so that the Multiplier can be used and the maximum 200-MHz
input frequency limitation of the Post-R divider can be met.
The Multiplier multiplies the frequency up under the allowable multiplications of 3, 4, 5, 6, and 7. In combination
with the Pre-R and Post-R dividers, the Multiplier offers the flexibility to shift the phase detector frequency away
from frequencies that may create integer boundary spurs with the VCO and the output frequencies. Be aware
that unlike the Doubler, the Multiplier degrades the PLL figure of merit. This degradation would only matter,
however, for a very clean reference oscillator input and if the loop bandwidth was wide. The user should not use
the Doubler while using the Multiplier. The Multiplier is bypassed if its value is set to 1.
The Post-R divider can be used to further divide down the frequency to the phase detector frequency. When it is
used (PLL_R > 1), the input frequency to this divider is limited to 200 MHz.
Use Equation 1 to calculate the phase detector frequency, fPD.
fPD = fOSCin × OSC_2X × MULT / (PLL_R_PRE × PLL_R)
(1)
Table 1 summarizes the usage boundaries of these functional blocks in the reference path.
Table 1. Reference Path Boundaries
PARAMETER
VALUE
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY
(MHz)
NOTES
MIN
MAX
MIN
MAX
OSCin
N/A
5
250
Doubler
0 (Bypassed), 1 (x2)
5
125
10
250
When OSC_2X = 1, Multiplier cannot be used at the same
time.
Pre-R divider
1 (Bypassed), 2, 3, …, 254, 255
5
200
0.25
200
Keep it equals 1 unless when necessary.
Multiplier
1 (Bypassed), 3, 4, 5, 6, 7
10
40
60
150
When the output frequency is greater than 100MHz, set
MULT_HI = 1.
Post-R divider
1 (Bypass), 2, 3, …, 254, 255
5
200
0.25
200
7.3.3 PLL Phase Detector and Charge Pump
The phase detector compares the outputs of the Post-R divider and N divider and generates a correction current
corresponding to the phase error until the two signals are aligned in phase. This charge-pump current is software
programmable to many different levels, allowing modification of the closed-loop bandwidth of the PLL.
Table 2. Charge Pump Gain
CGP
0
1
2
3
4 or 8
5 or 9
6 or 10
7 or 11
12
13
14
15
UNIT
Gain
Tri-state
625
1250
1875
2500
3125
3750
4375
5000
5625
6250
6875
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com