Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572LP Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 65 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 61Page - Texas Instruments LMX2572LP Datasheet HTML 62Page - Texas Instruments LMX2572LP Datasheet HTML 63Page - Texas Instruments LMX2572LP Datasheet HTML 64Page - Texas Instruments LMX2572LP Datasheet HTML 65Page - Texas Instruments LMX2572LP Datasheet HTML 66Page - Texas Instruments LMX2572LP Datasheet HTML 67Page - Texas Instruments LMX2572LP Datasheet HTML 68Page - Texas Instruments LMX2572LP Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
1 / fPD
Configurable
pause time
Accumulated
ramp frequency.
RAMP_THRESH
Total ramp time = Desired ramp duration + sum of all pause time.
RAMP_THRESH
RAMPx_INC
65
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 138. Automatic Ramping Mode Programming (continued)
REGISTER FIELD
VALUE
DESCRIPTION
RAMP0_LEN
RAMP1_LEN
0 to 216
Set the number of ramp required in each ramp profile. Maximum value is 216. If this number
is exceeded, enable the RAMPx_DLY bit or reduce the phase detector frequency.
RAMPx_LEN = Ramp duration of a ramp profile × fPD
RAMP0_DLY
RAMP1_DLY
0 or 1
If this bit is set to 1, the output frequency will ramp every two fPD cycles.
RAMP0_NEXT
RAMP1_NEXT
Equal to the next
ramp
Set the next ramping profile when the present profile is finished.
RAMP0_NEXT_TRIG
RAMP1_NEXT_TRIG
0 = RAMP_LENx time
out counter
Set these bits to 0 in order to start the next ramp immediately after the previous ramp.
RAMP0_RST
RAMP1_RST
0 or 1
If the stop frequency of the present ramp profile is different from the start frequency of the
next ramp profile, set this bit to 1.
RAMP_SCALE_COU
NT
RAMP_DLY_CNT
Suggest a minimum
pause time of 50 µs
These two register fields set the minimum pause time when RAMP_THRESH is hit. This
pause time must be sufficient to allow the VCO to complete a calibration, otherwise it will be
overwritten by the actual VCO calibration time.
Minimum pause time = RAMP_DLY_CNT × 2RAMP_SCALE_COUNT × 2CAL_CLK_DIV / fOSCin
Figure 162. Auto Ramp Waveform
8.1.8 Application for FSK
In fractional mode, the finest delta frequency difference between two programmable output frequencies is equal
to Equation 7:
f1 – f2 = Δfmin = fPD × {[(PLL_N + 1) / PLL_DEN] – (PLL_N / PLL_DEN)} = fPD / PLL_DEN
(7)
In other words, when the fractional numerator is incremented by 1 (one step), the output frequency will change
by Δfmin. A two steps increment will therefore change the frequency by 2 × Δfmin.
In FSK operation, the instantaneous carrier frequency is kept changing among some pre-defined frequencies. In
general, the instantaneous carrier frequency is defined as a certain frequency deviation from the nominal carrier
frequency. The frequency deviation could be positive and negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com