Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572LP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 24Page - Texas Instruments LMX2572LP Datasheet HTML 25Page - Texas Instruments LMX2572LP Datasheet HTML 26Page - Texas Instruments LMX2572LP Datasheet HTML 27Page - Texas Instruments LMX2572LP Datasheet HTML 28Page - Texas Instruments LMX2572LP Datasheet HTML 29Page - Texas Instruments LMX2572LP Datasheet HTML 30Page - Texas Instruments LMX2572LP Datasheet HTML 31Page - Texas Instruments LMX2572LP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.11 Register R10 (offset = 0Ah) [reset = 10F8h]
Figure 38. Register R10
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
1
MULT
1
1
1
1
0
0
0
R/W-1h
R/W-1h
R/W-78h
Table 17. Register R10 Field Descriptions
Bit
Field
Type Reset
Description
15 - 12
R/W
1h
Program 1h to this field.
11 - 7
MULT
R/W
1h
Reference path frequency Multiplier. Input frequency to the Multiplier: 10 to 40 MHz.
Multiplier output frequency: 60 to 150 MHz.
0: Not used
1: Bypassed
2: Not recommended. Use OSC_2X instead of MULT
3: 3X
·····
7: 7X
8 - 31: Not recommended
6 - 0
R/W
78h
Program 78h to this field.
7.6.12 Register R11 (offset = 0Bh) [reset = B018h]
Figure 39. Register R11
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
0
1
1
PLL_R
1
0
0
0
R/W-Bh
R/W-1h
R/W-8h
Table 18. Register R11 Field Descriptions
Bit
Field
Type Reset
Description
15 - 12
R/W
Bh
Program Bh to this field.
11 - 4
PLL_R
R/W
1h
Reference path Post-R divider. It is the divider after the frequency Multiplier.
3 - 0
R/W
8h
Program 8h to this field.
7.6.13 Register R12 (offset = 0Ch) [reset = 5001h]
Figure 40. Register R12
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
1
PLL_R_PRE
R/W-5h
R/W-1h
Table 19. Register R12 Field Descriptions
Bit
Field
Type Reset
Description
15 - 12
R/W
5h
Program 5h to this field.
11 - 0
PLL_R_PRE
R/W
1h
Reference path Pre-R divider. It is the divider before the frequency Multiplier.
7.6.14 Register R13 (offset = 0Dh) [reset = 4000h]
Figure 41. Register R13
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-4000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com